Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STOD1317BTPUR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STOD1317BTPUR
Description  Very high efficiency at light load thanks to pulse skipping operation
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD1317BTPUR Datasheet(HTML) 1 Page - STMicroelectronics

  STOD1317BTPUR Datasheet HTML 1Page - STMicroelectronics STOD1317BTPUR Datasheet HTML 2Page - STMicroelectronics STOD1317BTPUR Datasheet HTML 3Page - STMicroelectronics STOD1317BTPUR Datasheet HTML 4Page - STMicroelectronics STOD1317BTPUR Datasheet HTML 5Page - STMicroelectronics STOD1317BTPUR Datasheet HTML 6Page - STMicroelectronics STOD1317BTPUR Datasheet HTML 7Page - STMicroelectronics STOD1317BTPUR Datasheet HTML 8Page - STMicroelectronics STOD1317BTPUR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
This is information on a product in full production.
April 2013
DocID022607 Rev 2
1/22
22
STOD1317B
170 mA 13 V, high efficiency
boost converter + LDO
Datasheet
- production data
Features
 Operating input voltage range from 2.6 V to
4.8 V
 ±1% output voltage tolerance
 Low output ripple
 True-shutdown
 Short-circuit protection
 Digital low power function
 Very high efficiency at light load thanks to pulse
skipping operation
 Very fast line and load transients
 1.2 MHz switching frequency
 1 µA max. quiescent current
 DFN12L (3 x 3 x 0.8 mm)
Applications
 Single rail AMOLED display
 Cellular phones
 Battery powered equipment
Description
The STOD1317B is a fixed frequency, high
efficiency, boost DC-DC converter with cascaded
LDO able to provide output voltages ranging from
6 V to 13 V starting with an input voltage from
2.6 V to 4.8 V. The device is designed to supply
loads that are very sensitive to output ripple such
as AMOLED display panels. A dedicated LDO is
able to suppress any ripple and noise coming out
from the DC-DC converter. The LDO works with a
constant drop in order to maintain high efficiency
in the whole operating range. The low RDSon N-
channel and P-channel MOSFET switches are
integrated and contribute to achieving high
efficiency. The true-shutdown feature allows
physical disconnection of the battery from the
load when the device is in shutdown mode. The
control technique is able to maintain efficiency
higher than 85% at light loads and higher than
80% at full load. The device includes soft-start
control, inrush current limiter, thermal shutdown
and inductor peak current limit. The STOD1317B
is packaged in DFN12L (3 x 3 x 0.8 mm) height.
DFN12L (3 x 3 mm)
Table 1. Device summary
Order code
Marking
Package
Packaging
STOD1317BTPUR
1317B
DFN12L (3 x 3 mm)
3000 parts per reel
www.st.com


Similar Part No. - STOD1317BTPUR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STOD13A STMICROELECTRONICS-STOD13A Datasheet
928Kb / 24P
250 mA dual DC-DC converter for powering AMOLED displays
14-Dec-2011
STOD13AM STMICROELECTRONICS-STOD13AM Datasheet
755Kb / 25P
Step-up and inverter converters
02-Oct-2012
STOD13AMTPUR STMICROELECTRONICS-STOD13AMTPUR Datasheet
755Kb / 25P
Step-up and inverter converters
02-Oct-2012
STOD13AS STMICROELECTRONICS-STOD13AS Datasheet
694Kb / 25P
Synchronous rectification for both DC-DC converters
27-Jan-2012
STOD13ASTPUR STMICROELECTRONICS-STOD13ASTPUR Datasheet
694Kb / 25P
Synchronous rectification for both DC-DC converters
27-Jan-2012
More results

Similar Description - STOD1317BTPUR

ManufacturerPart #DatasheetDescription
logo
Sanken electric
NR111D SANKEN-NR111D Datasheet
712Kb / 14P
Light Load High Efficiency
NR111E SANKEN-NR111E Datasheet
482Kb / 13P
Light Load High Efficiency
NR119E SANKEN-NR119E Datasheet
482Kb / 13P
Light Load High Efficiency
NR131A SANKEN-NR131A Datasheet
614Kb / 15P
Ultra light load high efficiency
NR131D SANKEN-NR131D Datasheet
644Kb / 15P
Ultra light load high efficiency
NR131S SANKEN-NR131S Datasheet
661Kb / 15P
Ultra light load high efficiency
NR132A SANKEN-NR132A Datasheet
614Kb / 15P
Ultra light load high efficiency
NR132D SANKEN-NR132D Datasheet
644Kb / 15P
Ultra light load high efficiency
logo
Wurth Elektronik GmbH &...
173010342 WURTH-173010342 Datasheet
1Mb / 24P
Pulse skipping for high efficiency at light loads
logo
Bel Fuse Inc.
TET3600-48-104XA BEL-TET3600-48-104XA Datasheet
402Kb / 7P
Very high efficiency, typ. 97% at half load
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com