Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPA008 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STPA008
Description  4 x 50 W MOSFET quad bridge power amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPA008 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STPA008 Datasheet HTML 15Page - STMicroelectronics STPA008 Datasheet HTML 16Page - STMicroelectronics STPA008 Datasheet HTML 17Page - STMicroelectronics STPA008 Datasheet HTML 18Page - STMicroelectronics STPA008 Datasheet HTML 19Page - STMicroelectronics STPA008 Datasheet HTML 20Page - STMicroelectronics STPA008 Datasheet HTML 21Page - STMicroelectronics STPA008 Datasheet HTML 22Page - STMicroelectronics STPA008 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
DocID027887 Rev 2
19/29
STPA008
General information
28
4.3
Protections
4.3.1
Short circuits and open load operation
When the IC detects a short circuit to ground, to Vbatt or across the load, the output of the
amplifier is put in three-state (high impedance condition).
In case of short circuit to ground or Vcc, the amplifier exits from the three-state condition
only when the short-circuit is released and the output returns inside the limits imposed by an
internal voltage comparator.
When a short across the load is present, the power stage sees an over-current and is
brought in protection mode for about 100 μs. After this time, if the short circuit condition is
removed the amplifier returns to play, otherwise the high impedance state is maintained and
the check is repeated every 100 μs.
Disconnection of load (open load condition) doesn't affect the amplifier, which continues to
play.
4.3.2
Over-voltage and load dump protection
When the battery voltage is higher than 19 V, the amplifier put in tri-state. It stops playing till
the supply voltage returns in the permitted range.
The amplifier is protected against load dump surges having amplitude as high as 50 V and a
rising time as low as 2 ms (see Figure 24).
Figure 24. Load dump protection diagram
4.3.3
Thermal protection
If the junction temperature of the IC overcomes Tj = 150 °C, a smooth mute is applied to
reduce output power and limit power dissipation. If this is not enough and the junction
temperature continues to increase, the amplifier is switched off when it reaches the
maximum temperature of 170 °C.
Figure 25. Thermal protection diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com