Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPA008-QIX Datasheet(PDF) 11 Page - STMicroelectronics

Part # STPA008-QIX
Description  4 x 50 W MOSFET quad bridge power amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPA008-QIX Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STPA008-QIX Datasheet HTML 7Page - STMicroelectronics STPA008-QIX Datasheet HTML 8Page - STMicroelectronics STPA008-QIX Datasheet HTML 9Page - STMicroelectronics STPA008-QIX Datasheet HTML 10Page - STMicroelectronics STPA008-QIX Datasheet HTML 11Page - STMicroelectronics STPA008-QIX Datasheet HTML 12Page - STMicroelectronics STPA008-QIX Datasheet HTML 13Page - STMicroelectronics STPA008-QIX Datasheet HTML 14Page - STMicroelectronics STPA008-QIX Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
DocID027887 Rev 2
11/29
STPA008
Electrical specifications
28
3.3
Electrical characteristics
Refer to the test and application diagram, V
S = 14.4 V; RL = 4 Ω; R
g = 600 Ω; f = 1 kHz;
T
amb = 25 °C; unless otherwise specified.
Table 5. Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
General characteristics
VS
Supply voltage range
-
6
-
18
V
Iq1
Quiescent current
RL = ∞
100
190
280
mA
VOS
Output offset voltage
Play mode
-90
-
+90
mV
Mute mode
-70
-
+70
mV
dVOS
During standby ON/OFF output
transient voltage
ITU R-ARM weighted
(see Figure 19)
-7.5
-
+7.5
mV
During mute ON/OFF output
transient voltage
-7.5
-
+7.5
mV
Ri
Input impedance
-
45
55
65
kΩ
ISB
Standby current consumption
VSt-by = 1 V
-
-
2
μA
VSt-by = 0
-
-
1
μA
Audio performances
Po
Output power
THD = 10 %
THD = 1 %
26
20
29
23
-
-
W
W
THD = 10 %, 2 Ω
THD = 1 %, 2 Ω
45
37
50
40
-
-
W
W
Po max.
Max. output power
Square wave input (2 Vrms)
RL = 4 Ω
RL = 2 Ω
VS = 15.2 V; RL = 4 Ω
42
71
47
45
77
50
-
-
-
W
W
W
THD
Distortion
Po = 4 W, 30kHz LPF
-
0.01
0.02
%
Gv
Voltage gain
-
25
26
27
dB
dGv
Channel gain unbalance
-
-0.5
-
+0.5
dB
eNo
Output Noise
"A" Weighted
Bw = 20 Hz to 20 kHz
-
-
40
50
-
70
μV
μV
SVR
Supply voltage rejection
f = 100 kHz; Vr = 1 Vrms, play
mode
60
70
-
dB
fch
High cut-off frequency
PO = 0.5 W
100
300
-
kHz
CT
Cross talk
f = 1 kHz PO = 4 W
f = 10 kHz PO = 4 W
65
50
75
60
-
-
dB
dB
AM
Mute attenuation
POref = 4 W
90
100
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com