Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP7626 Datasheet(PDF) 9 Page - Exar Corporation

Part # MP7626
Description  Microprocessor Compatible Buffered Multiplying 16-Bit Digital-to-Analog Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7626 Datasheet(HTML) 9 Page - Exar Corporation

Back Button MP7626 Datasheet HTML 4Page - Exar Corporation MP7626 Datasheet HTML 5Page - Exar Corporation MP7626 Datasheet HTML 6Page - Exar Corporation MP7626 Datasheet HTML 7Page - Exar Corporation MP7626 Datasheet HTML 8Page - Exar Corporation MP7626 Datasheet HTML 9Page - Exar Corporation MP7626 Datasheet HTML 10Page - Exar Corporation MP7626 Datasheet HTML 11Page - Exar Corporation MP7626 Datasheet HTML 12Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MP7626
9
Rev. 2.00
A
0.165
0.180
4.19
4.57
A1
0.100
0.110
2.54
2.79
A2
0.148
0.156
3.76
3.96
B
0.013
0.021
0.330
0.533
C
0.008
0.012
0.203
0.305
D
0.485
0.495
12.32
12.57
D1 (1)
0.450
0.454
11.43
11.53
D2
0.390
0.430
9.91
10.92
D3
0.300 Ref
7.62 Ref.
e1
0.050 BSC
1.27 BSC
28 LEAD PLASTIC LEADED CHIP CARRIER
(PLCC)
P28
SYMBOL
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
1
D
D 1
D2
B
e1
A
A1
C
D
D1
D3
Seating
Plane
Note:
(1)
Dimension D1 does not include mold protrusion.
Allowed mold protrusion is 0.254 mm/0.010 in.
A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com