Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR710RZ Datasheet(PDF) 60 Page - STMicroelectronics

Part # STR710RZ
Description  ARM7TDMI??32-bit MCU with Flash, USB, CAN, 5 timers, ADC, 10 communication interfaces
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR710RZ Datasheet(HTML) 60 Page - STMicroelectronics

Back Button STR710RZ Datasheet HTML 56Page - STMicroelectronics STR710RZ Datasheet HTML 57Page - STMicroelectronics STR710RZ Datasheet HTML 58Page - STMicroelectronics STR710RZ Datasheet HTML 59Page - STMicroelectronics STR710RZ Datasheet HTML 60Page - STMicroelectronics STR710RZ Datasheet HTML 61Page - STMicroelectronics STR710RZ Datasheet HTML 62Page - STMicroelectronics STR710RZ Datasheet HTML 63Page - STMicroelectronics STR710RZ Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 80 page
background image
Electrical parameters
STR71xFxx STR710RZ
60/80
Doc ID 10350 Rev 13
Figure 31.
Write cycle timing: 16-bit write on 8-bit memory
Figure 32.
Write cycle timing: 32-bit write on 8-bit memory
See Table 33 for write timing data.
4.3.8
I2C - inter IC control interface
Subject to general operating conditions for V33, fPCLK1, and TA unless otherwise specified.
The STR7 I2C interface meets the requirements of the Standard I2C communications
protocol described in the following table with the restriction mentioned below:
Note:
Restriction: The I/O pins which SDA and SCL are mapped to are not “True” Open-Drain:
when configured as open-drain, the PMOS connected between the I/O pin and V33 is
disabled, but it is still present. Also, there is a protection diode between the I/O pin and V33.
Consequently, when using this I2C in a multi-master network, it is not possible to power off
the STR7X while some another I2C master node remains powered on: otherwise, the
STR7X will be powered by the protection diode.
Refer to I/O port characteristics for more details on the input/output alternate function
characteristics (SDA and SCL).
CSn.x
WEn.x
A[23:0]
D[7:0]
RDn
(Output)
address
Data Output
tWDS1
tWDH
tWCR
tWAS
tWAH
tWP
Data Output
tWDS2
tWDH
tWWT
tWAH
address
tWAT
tWP
CSn.x
WEn.x
A[23:0]
D[7:0]
RDn
(Output)
address
Data Output
tWDS1
tWDH
tWCR
tWAS
tWAH
tWP
Data Output
tWDS2
tWDH
tWWT
tWAH
address
tWAT
tWP
tWWT
tWAH
address
tWAT
tWP
Data Output
tWDS2
tWDH
tWWT
tWAH
address
tWAT
tWP
Data Output
tWDS2
tWDH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com