Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP7626KP Datasheet(PDF) 3 Page - Exar Corporation

Part # MP7626KP
Description  Microprocessor Compatible Buffered Multiplying 16-Bit Digital-to-Analog Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7626KP Datasheet(HTML) 3 Page - Exar Corporation

  MP7626KP Datasheet HTML 1Page - Exar Corporation MP7626KP Datasheet HTML 2Page - Exar Corporation MP7626KP Datasheet HTML 3Page - Exar Corporation MP7626KP Datasheet HTML 4Page - Exar Corporation MP7626KP Datasheet HTML 5Page - Exar Corporation MP7626KP Datasheet HTML 6Page - Exar Corporation MP7626KP Datasheet HTML 7Page - Exar Corporation MP7626KP Datasheet HTML 8Page - Exar Corporation MP7626KP Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MP7626
3
Rev. 2.00
ELECTRICAL CHARACTERISTICS
(VDD = + 15 V, VREF = +10 V unless otherwise noted)
25
°C
Tmin to Tmax
Parameter
Symbol
Min
Typ
Max
Min
Max
Units
Test Conditions/Comments
STATIC PERFORMANCE1
FSR = Full Scale Range
Resolution (All Grades)
N
16
16
Bits
Relative Accuracy
INL
LSB
Best Fit Straight Line Spec.
J+4+4
(Max INL – Min INL) / 2
K+2+2
Differential Non-Linearity
DNL
LSB
J+4+4
K+2+2
Gain Error
GE
+0.1
+0.1
% FSR
Using Internal RFB
Gain Temperature Coefficient2
TCGE
+2
ppm/
°C
∆Gain/∆Temperature
Power Supply Rejection Ratio
PSRR
+50
+50
ppm/%
|∆Gain/∆VDD| ∆VDD = + 5%
Output Leakage Current
IOUT
+10
+200
nA
IOUT1
DYNAMIC PERFORMANCE2
RL=100Ω, CL=13pF
Current Settling Time
tS
2
µs
Full Scale Change to 0.1%
AC Feedthrough at IOUT1
FT
2
mV p-p
VREF = 10kHz, 20 Vp-p, sinewave
REFERENCE INPUT
Input Resistance
RIN
2.5
7.5
2.5
7.5
k
Ω
DIGITAL INPUTS3
Logical “1” Voltage
VIH
3.0
2.4
3.0
V
Logical “0” Voltage
VIL
0.8
0.8
V
Input Leakage Current
ILKG
+1+1
µA
Input Capacitance2
Data
CIN
5pF
Control
CIN
5pF
ANALOG OUTPUTS2
Output Capacitance
COUT1
280
pF
DAC Inputs all 1’s
COUT1
120
pF
DAC Inputs all 0’s
COUT2
100
pF
DAC Inputs all 1’s
COUT2
240
pF
DAC Inputs all 0’s
POWER SUPPLY
Functional Voltage Range5
VDD
4.5
16.5
5.0
16.5
V
Supply Current
IDD
1
1
mA
All digital inputs = 0 V or all = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com