Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSC4V2 Datasheet(PDF) 1 Page - C&K Components

Part # KSC4V2
Description  Full SMD side actuated
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KSC4V2 Datasheet(HTML) 1 Page - C&K Components

  KSC4V2 Datasheet HTML 1Page - C&K Components KSC4V2 Datasheet HTML 2Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B–55
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
B
KSC4V2 Series
Side Actuated Sealed Tact Switch
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and place it in the appropriate box.
For any part number different from those listed above, please consult your local representative.
Features/Benefits
• Full SMD side actuated
• Haptic adaptability
• Pin in paste terminations
• Tape & reel
• IP67
Mechanical
NOTE: Basic version is based on KSC441V2 SPDELTA LFS.
Other configurations of haptics are available upon demand.
MISUSE OVERLOAD: 40N with back support
SHEAR FORCE:10N without back support
Electrical
Silver
Gold
MAXIMUM POWER:
1 VA
0.2 VA
MAXIMUM VOLTAGE:
32 VDC
32 VDC
MINIMUM VOLTAGE:
20 mV
20 mV
MAXIMUM CURRENT:
50 mA
10 mA
MINIMUM CURRENT:
1 mA
0.1 mA
DIELECTRIC STRENGTH (50 Hz, 1 min.):
≥
250 Vrms
CONTACT RESISTANCE:
≤
100 m
Ω
INSULATION RESISTANCE (100 V, initial stage): > 109
Ω
BOUNCE TIME: < 1 ms
Specification
FUNCTION: momentary action
CONTACT ARRANGEMENT: 1 make contact = SPST, N.O.
TERMINALS:
2 pin in paste signal terminals
3 SMD ground terminals
Type
Force
Operating Life
Travel
(N)
(operations)
(mm)
KSC441V2SPDLFS
3.5 ± 1.0
300,000
0.7 ± 0.2
KSC421V270SHLFS 1.55 ± 0.45
300,000
0.5 ± 0.2
Typical Applications
• Automotive
• Industrial electronics
• Network equipment
• Telecommunications
Environmental
Silver
Gold
OPERATING TEMPERATURE:
-40˚C to 85˚C
-40˚C to 125˚C
STORAGE TEMPERATURE:
-55˚C to 85˚C
-55˚C to 125˚C
Process
SOLDERING: Depending on the application, this component is
suited to the following methods:
– Cleaning according to typical washing processes.
– Infrared Reflow Soldering in accordance with IEC 61760-1.
TERMINALS: pin in paste, silver or gold plated
TOP PLATE: tin plated
MSL level: 1
Vacuum pick head mandatory
Packaging
In reels of 500 pieces.
Dimensions of reels according to EIA RS481 or IEC 2863.
External diameter 330 mm ± 2 mm.
NOTE: This product is designed and manufactured for general electronic devices.
For systems where reliability and safety are required, please contact your
sales representative to secure product integration and function to secure usage.
Actuator
2 short, soft*
4 long, soft
LFS Lead free compatible, silver plated
LFG Lead free compatible, gold plated
Operating Force***
2 2 N (200 grams)
4 3.5 N (350 grams)
K
S
C
V
2
4
Contact Material
1 Silver
3 Gold
Actuator / Tactile
70SH Silicon 70SH****
SP DELTA Silicon 70SH improved tactile****
RT Hard rubber
RT2 Long travel hard rubber
L
F
S
* KSC2 version available upon demand
*** Force available upon demand (variant version)
**** Available for KSC4 only


Similar Part No. - KSC4V2

ManufacturerPart #DatasheetDescription
logo
C&K Components
KSC4 CK-COMPONENTS-KSC4 Datasheet
299Kb / 6P
KSC Series Sealed Tact Switch for SMT
KSC4 CK-COMPONENTS-KSC4 Datasheet
312Kb / 6P
Sealed Tact Switch for SMT
KSC4 CK-COMPONENTS-KSC4 Datasheet
312Kb / 6P
Sealed Tact Switch for SMT
KSC4 CK-COMPONENTS-KSC4 Datasheet
1Mb / 22P
Sealed Tact Switch for SMT
26 May 22
logo
Schneider Electric
KSC400AB4 SCHNEIDER-KSC400AB4 Datasheet
234Kb / 4P
Canalis KSA(ALUMINIUM)
2024. 12. 16
More results

Similar Description - KSC4V2

ManufacturerPart #DatasheetDescription
logo
ITT Industries
BPA02B ITT-BPA02B Datasheet
181Kb / 2P
Side Actuated DIP Switches
logo
C&K Components
BPA CK-COMPONENTS-BPA Datasheet
168Kb / 3P
Side Actuated DIP Switches
SDS CK-COMPONENTS-SDS Datasheet
157Kb / 1P
Side Actuated Detect Switches
KSS341GLFS CK-COMPONENTS-KSS341GLFS Datasheet
421Kb / 3P
Subminiature SMT Side Actuated
KSS321GLFS CK-COMPONENTS-KSS321GLFS Datasheet
417Kb / 2P
Subminiature SMT Side Actuated
logo
CTS Corporation
193-2MS CTS-193-2MS Datasheet
303Kb / 2P
Side Actuated DIP Switch
logo
C&K Components
SDS CK-COMPONENTS-SDS_V01 Datasheet
324Kb / 2P
Side Actuated Detect Switches
8 Mar 22
KSS CK-COMPONENTS-KSS_V01 Datasheet
177Kb / 2P
Subminiature SMT Side Actuated
30 Jan 19
KT CK-COMPONENTS-KT Datasheet
318Kb / 5P
Full SMT Top & Side Actuated Sealed Tact Switch
KMS CK-COMPONENTS-KMS_V01 Datasheet
166Kb / 2P
Microminiature SMT Side Actuated
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com