Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECMF4-20A42N10 Datasheet(PDF) 9 Page - STMicroelectronics

Part # ECMF4-20A42N10
Description  Common mode filter with ESD protection for high speed serial interface
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ECMF4-20A42N10 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ECMF4-20A42N10 Datasheet HTML 5Page - STMicroelectronics ECMF4-20A42N10 Datasheet HTML 6Page - STMicroelectronics ECMF4-20A42N10 Datasheet HTML 7Page - STMicroelectronics ECMF4-20A42N10 Datasheet HTML 8Page - STMicroelectronics ECMF4-20A42N10 Datasheet HTML 9Page - STMicroelectronics ECMF4-20A42N10 Datasheet HTML 10Page - STMicroelectronics ECMF4-20A42N10 Datasheet HTML 11Page - STMicroelectronics ECMF4-20A42N10 Datasheet HTML 12Page - STMicroelectronics ECMF4-20A42N10 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
DocID028809 Rev 1
9/13
ECMF4-20A42N10
Package information
13
Note:
Product marking may be rotated by 180° for assembly plant differentiation. In no case
should this product marking be used to orient the component for its placement on a PCB.
Only pin 1 mark is to be used for this purpose.
Figure 19. Tape and reel specifications
Table 4. µQFN-10L package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.41
0.45
0.50
0.183
0.201
0.223
A1
0.02
0.05
0.009
0.022
A3
0.127
0.057
b
0.15
0.2
0.25
0.067
0.089
0.112
D
2.15
2.2
2.25
0.96
0.982
1.004
E
1.3
1.35
1.4
0.58
0.603
0.625
e
0.4
0.179
L
0.4
0.5
0.6
0.179
0.223
0.268
Figure 17. Footprint
Figure 18. Marking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com