Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMIF05-AUD02F3 Datasheet(PDF) 3 Page - STMicroelectronics

Part # EMIF05-AUD02F3
Description  EMI filter and ESD protection for audio interface
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF05-AUD02F3 Datasheet(HTML) 3 Page - STMicroelectronics

  EMIF05-AUD02F3 Datasheet HTML 1Page - STMicroelectronics EMIF05-AUD02F3 Datasheet HTML 2Page - STMicroelectronics EMIF05-AUD02F3 Datasheet HTML 3Page - STMicroelectronics EMIF05-AUD02F3 Datasheet HTML 4Page - STMicroelectronics EMIF05-AUD02F3 Datasheet HTML 5Page - STMicroelectronics EMIF05-AUD02F3 Datasheet HTML 6Page - STMicroelectronics EMIF05-AUD02F3 Datasheet HTML 7Page - STMicroelectronics EMIF05-AUD02F3 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DocID025579 Rev 1
3/8
EMIF05-AUD02F3
Characteristics
8
Figure 6. Analog crosstalk versus frequency
Figure 4. Attenuation versus frequency
(MIC lines)
Figure 5. Attenuation versus frequency
(Ear lines)
100k
1M
10M
100M
1G
-80
-70
-60
-50
-40
-30
-20
-10
0
MicP
MicM
F (Hz)
S21(dB)
100k
1M
10M
100M
1G
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
EarL
EarR
F (Hz)
S21(dB)
XTalk (dB)
100k
1M
10M
100M
1G
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
EarL-EarR
MicM-MicP
Det-EarL
Det-MicP
MicP_EarL
F (Hz)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com