Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDALC14-1BF4 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ESDALC14-1BF4
Description  Low clamping and low capacitance bidirectional single line ESD protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALC14-1BF4 Datasheet(HTML) 3 Page - STMicroelectronics

  ESDALC14-1BF4 Datasheet HTML 1Page - STMicroelectronics ESDALC14-1BF4 Datasheet HTML 2Page - STMicroelectronics ESDALC14-1BF4 Datasheet HTML 3Page - STMicroelectronics ESDALC14-1BF4 Datasheet HTML 4Page - STMicroelectronics ESDALC14-1BF4 Datasheet HTML 5Page - STMicroelectronics ESDALC14-1BF4 Datasheet HTML 6Page - STMicroelectronics ESDALC14-1BF4 Datasheet HTML 7Page - STMicroelectronics ESDALC14-1BF4 Datasheet HTML 8Page - STMicroelectronics ESDALC14-1BF4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DocID024898 Rev 2
3/12
ESDALC14-1BF4
Characteristics
12
Figure 3. Leakage current versus junction
temperature (typical values)
Figure 4. Junction capacitance versus applied
voltage (typical values)
IR ( nA)
0.1
1
10
100
25
50
75
100
125
150
VR=VRM=12V
IO/IO
Tj °C
()
C (pF)
0
5
10
15
20
25
30
01
234567
89
10
11
12
TJ=25-C
F=1MHz
Vosc =30mV
IO/IO
VR V
()
Figure 5. Dynamic resistance
Figure 6. Attenuation measurement result
IPP (A)
0
5
10
15
20
25
30
0
5
10
15
20
25
VCL (V)
Positive polarity
Negative polarity
Rd 0.22
»W
100k
1M
10M
100M
1G
10G
-54
-51
-48
-45
-42
-39
-36
-33
-30
-27
-24
-21
-18
-15
-12
-9
-6
-3
0
-
S21 (dB)
F (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com