Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C10946 Datasheet(PDF) 1 Page - Cree, Inc

Part # C10946
Description  Flare series
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C10946 Datasheet(HTML) 1 Page - Cree, Inc

  C10946 Datasheet HTML 1Page - Cree, Inc C10946 Datasheet HTML 2Page - Cree, Inc C10946 Datasheet HTML 3Page - Cree, Inc C10946 Datasheet HTML 4Page - Cree, Inc C10946 Datasheet HTML 5Page - Cree, Inc C10946 Datasheet HTML 6Page - Cree, Inc C10946 Datasheet HTML 7Page - Cree, Inc C10946 Datasheet HTML 8Page - Cree, Inc C10946 Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PRODUCT DATASHEET
Flare series
last update 20/5/2016
DETAILS
Product Number
C10946_FLARE-B
Family
Flare
Type
Lens
Color
clear
Diameter
29 x 23 mm
Height
12,69 mm
Style
rectang
Optic Material
PMMA
Holder Material
Fastening
glue, screw
Status
production ready
ROHS Comliant
Yes
Date Updated
20/05/2016
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XP-E
12+96 deg
REC-class
94 %
-
-
XP-G
14+112 deg
REC-class
95 %
-
-
XB-D
10+108 deg
REC-class
93 %
1.520
-
XP-E2
sim: 18+108
REC-class
sim: 94 % sim: 1.590 -
XP-G2
sim: 22+108
REC-class
sim: 94 % sim: 1.370 -
LUXEON Rebel ES
12+104 deg
REC-class
94 %
1.370
-
LUXEON Rebel
11+93 deg
REC-class
94 %
-
-
NCSxx19A
9+88 deg
REC-class
94 %
-
-
Oslon SSL 80
9+88 deg
REC-class
95 %
-
-
Oslon SSL 150
9+117 deg
REC-class
93 %
1.600
-
LH351Z
14+106 deg
REC-class
94 %
1.900
-
Z5
12+96 deg
REC-class
-
-
-
Double Dome (GM2BB)
11+104 deg
REC-class
-
-
-
June 7th 2017 4:33 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - C10946

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C10946 LEDIL-C10946 Datasheet
879Kb / 13P
Flare Lens
More results

Similar Description - C10946

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C13012 CREE-C13012 Datasheet
3Mb / 59P
Flare series
C14613 CREE-C14613 Datasheet
686Kb / 9P
Flare series
C12763 CREE-C12763 Datasheet
1Mb / 25P
Flare series
C12837 CREE-C12837 Datasheet
1Mb / 27P
Flare series
C13015 CREE-C13015 Datasheet
971Kb / 20P
Flare series
C13016 CREE-C13016 Datasheet
1Mb / 22P
Flare series
CA12764 CREE-CA12764 Datasheet
2Mb / 39P
Flare series
CA13057 CREE-CA13057 Datasheet
1Mb / 31P
Flare series
CA13058 CREE-CA13058 Datasheet
1Mb / 27P
Flare series
CA12838 CREE-CA12838 Datasheet
2Mb / 41P
Flare series
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com