Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87415 Datasheet(PDF) 40 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87415
Description  PCI-IDE DMA Master Mode Interface Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87415 Datasheet(HTML) 40 Page - National Semiconductor (TI)

Back Button PC87415 Datasheet HTML 34Page - National Semiconductor (TI) PC87415 Datasheet HTML 35Page - National Semiconductor (TI) PC87415 Datasheet HTML 36Page - National Semiconductor (TI) PC87415 Datasheet HTML 37Page - National Semiconductor (TI) PC87415 Datasheet HTML 38Page - National Semiconductor (TI) PC87415 Datasheet HTML 39Page - National Semiconductor (TI) PC87415 Datasheet HTML 40Page - National Semiconductor (TI) PC87415 Datasheet HTML 41Page - National Semiconductor (TI) PC87415 Datasheet HTML 42Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
90 Application Information (Continued)
The GAL monitors the interrupts that are causing INTA
to
be asserted If multiple of these interrupt requests are as-
serted then every time one of these requests negates a 10
Clock (PCI CLOCK) negation pulse is produced on the
INTA
pin This gives an edge for each interrupt request
and has been shown to work with PC motherboards that do
not work properly with PCI level sensitive Interrupts Note
INTA
will stay negated if no more interrupt requests are
pending
93 DMA BUS MASTER CONTROL AND STATUS
REGISTER
This is a minor errata that relates to the DMA Bus Master
Control and Status Register offset from the PCI Configura-
tion Space Base Address Register
4
For Channel
1 the registers offset 00H and 02H from
BAR4
For Channel
2 the registers offset 08H and 0AH from
BAR4
The Registers 02H and 0AH (bits 1 and 2) are the Channel 1
and 2 Error and Interrupt bits respectively Both these bits
should be cleared when writing a ‘‘1’’ to the particular bit or
bits
Note
THE RESETTING OF THESE TWO BITS HAVE BEEN ERRONE-
OUSLY CODED IN THE PC87415 DESIGN
Instead to reset bits 1 or 2 in register 02H (or 0AH) the user
must write a ‘‘1’’ in bits 1 or 2 of register 00H (or 08H)
In other words to reset these two bits ‘0000 0006’ should
be written instead of ‘0006 0000’ The reset bits (bit 1 and
bit 2) are reserved bits which are not being used in the
PC87415 design and as such this should not affect other
functionality of the device
This software modification is included in all the drivers
supplied by National Semiconductor for use with the
PC87415
100 Errata
101 TARGET MODE
a In response to an illegal CBE combination during access
from another Master the device generates STOP and a
Target Abort but does not generate DEVSEL
Ordering Code Information
(a) Device
TLF12497 – 37
(b) Software Drivers
PC87415-SWA set of discs with software drives for
- DOS
- Windows 3x
- Windows 95
- Windows NT
- OS-2
- Netware
- SCO Unix
http
www nationalcom
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com