Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF5079T Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCF5079T
Description  Dual-band power amplifier controller for GSM, PCN and DCS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5079T Datasheet(HTML) 4 Page - NXP Semiconductors

  PCF5079T Datasheet HTML 1Page - NXP Semiconductors PCF5079T Datasheet HTML 2Page - NXP Semiconductors PCF5079T Datasheet HTML 3Page - NXP Semiconductors PCF5079T Datasheet HTML 4Page - NXP Semiconductors PCF5079T Datasheet HTML 5Page - NXP Semiconductors PCF5079T Datasheet HTML 6Page - NXP Semiconductors PCF5079T Datasheet HTML 7Page - NXP Semiconductors PCF5079T Datasheet HTML 8Page - NXP Semiconductors PCF5079T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
2001 Nov 21
4
Philips Semiconductors
Product specification
Dual-band power amplifier controller for
GSM, PCN and DCS
PCF5079
5
BLOCK DIAGRAM
handbook, full pagewidth
RFout
RFin
D2
PA
30
µA
VDD
PUfilter
VDAC
VDD
30
µA
VDD
Ibias2
Ibias1
PU/PD
commands
PCF5079
CONTROL
LOGIC
phases
RFout
RFin
D1
PA
MGT325
10
µA
VDD
VSS
VSS
VDD
10
µA
OP1
OP4D
7
4
52
3
C1
C4
S1
CINT1
CINT2
6 pF
10 pF
C2
6 pF
C3
G = 0.3
16.6 pF
VDD
Vprebias
Vhome
10
VSS
6
8
9
PU
BS
SFG
SFD
S5
20 k
Ω
R1
6 k
Ω
R4
OP4G
OP4IN
OP4
VDAC
VS2
VS1
VCD
1
VCG
BAND GAP
AND CURRENT
REFERENCE
VINT(N)
AUXDAC3
PCF5073x
S3
S4
PUOP4
PUD
PUG
PUref
PUOP1
Fig.1 Block diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com