Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMP60R195PC Datasheet(PDF) 8 Page - MagnaChip Semiconductor.

Part # MMP60R195PC
Description  600V 0.195(ohm) N-channel MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MMP60R195PC Datasheet(HTML) 8 Page - MagnaChip Semiconductor.

Back Button MMP60R195PC Datasheet HTML 2Page - MagnaChip Semiconductor. MMP60R195PC Datasheet HTML 3Page - MagnaChip Semiconductor. MMP60R195PC Datasheet HTML 4Page - MagnaChip Semiconductor. MMP60R195PC Datasheet HTML 5Page - MagnaChip Semiconductor. MMP60R195PC Datasheet HTML 6Page - MagnaChip Semiconductor. MMP60R195PC Datasheet HTML 7Page - MagnaChip Semiconductor. MMP60R195PC Datasheet HTML 8Page - MagnaChip Semiconductor. MMP60R195PC Datasheet HTML 9Page - MagnaChip Semiconductor. MMP60R195PC Datasheet HTML 10Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MMP60R195PC Datasheet
Nov. 2014 Revision 1.0
MagnaChip Semiconductor Ltd.
8
 Test Circuit
VDS
10V
1mA
DUT
100KΩ
10V
Same type as DUT
+
-
VDD
DUT
+
-
Same type as DUT
VDS
+
-
IS
Rg
10KΩ
Vgs ± 15V
L
IF
VDD
DUT
+
-
ID
VDS
Vgs
tp
RL
VDD
DUT
+
-
IAS
VDS
Rg
Vgs
tp
L
10V
VGS
Charge
Qg
Qgs
Qgd
VDS
VGS
90%
10%
Td(on)
tr
ton
Td(off)
tf
toff
VDD
tp
tAV
VDS(t)
BVDSS
IAS
Rds(on) * IAS
trr
ta
tb
IFM
IRM
di/dt
0.25 IRM
0.75 IRM
0.5 IRM
VR
VRM(REC)
Fig15-1. Gate charge measurement circuit
Fig15-2. Gate charge waveform
Fig16-1. Diode reverse recovery test circuit
Fig16-1. Diode reverse recovery test waveform
Fig17-1. Switching time test circuit for resistive load
Fig17-2. Switching time waveform
Fig18-1. Unclamped inductive load test circuit
Fig18-2. Unclamped inductive waveform
Rg
25Ω



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com