Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT5802 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # PT5802
Description  18-A 5-V Input Adjustable Integrated Switching Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PT5802 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button PT5802 Datasheet HTML 3Page - List of Unclassifed Manufacturers PT5802 Datasheet HTML 4Page - List of Unclassifed Manufacturers PT5802 Datasheet HTML 5Page - List of Unclassifed Manufacturers PT5802 Datasheet HTML 6Page - List of Unclassifed Manufacturers PT5802 Datasheet HTML 7Page - List of Unclassifed Manufacturers PT5802 Datasheet HTML 8Page - List of Unclassifed Manufacturers PT5802 Datasheet HTML 9Page - List of Unclassifed Manufacturers PT5802 Datasheet HTML 10Page - List of Unclassifed Manufacturers PT5802 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Application Notes continued
Va (req.d)
2.100
2.3k
Ω
2.050
7.7k
Ω
2.000
15.9k
Ω
1.950
29.5k
Ω
1.900
56.7k
Ω
1.850
138.0k
Ω
1.800
1.1k
Ω
1.750
(169.0)k
Ω
6.3k
Ω
1.700
(66.9)k
Ω
14.1k
Ω
1.650
(32.9)k
Ω
27.2k
Ω
1.600
(15.9)k
Ω
53.2k
Ω
1.550
(5.7)k
Ω
131.0k
Ω
1.500
1.8k
Ω
1.475
(239.0)k
Ω
4.2k
Ω
1.450
(102.0)k
Ω
7.1k
Ω
1.425
(56.4)k
Ω
10.7k
Ω
1.400
(33.7)k
Ω
15.1k
Ω
1.375
(20.0)k
Ω
20.8k
Ω
1.350
(10.9)k
Ω
28.4k
Ω
1.325
(4.4)k
Ω
39.1k
Ω
1.300
55.1k
Ω
2.3k
Ω
1.275
81.8k
Ω
4.8k
Ω
1.250
135.0k
Ω
7.7k
Ω
1.225
295.0k
Ω
11.4k
Ω
1.200
15.9k
Ω
1.175
(125.0)k
Ω
21.7k
Ω
1.150
(45.1)k
Ω
29.5k
Ω
1.125
(18.4)k
Ω
40.4k
Ω
1.100
(5.1)k
Ω
56.7k
Ω
1.075
83.9k
Ω
1.050
138.0k
Ω
1.025
302.0K
Ω
1.000
0.975
(46.5)k
Ω
0.950
(5.7)k
Ω
PT5800 & PT5810 Series
Table 5-2
ISR ADJUSTMENT RESISTOR VALUES
Series Pt. No.
5.0V Bus
PT5801
PT5802
PT5803
PT5804
PT5805
PT5806
3.3V Bus
N/A
PT5812
PT5813
PT5814
PT5815
PT5816
Vo (nom)
3.3V
2.5V
1.8V
1.5V
1.2V
1.0V
Va (req.d)
3.60
2.3k
Ω
3.55
7.7k
Ω
3.50
15.9k
Ω
3.45
29.5k
Ω
3.40
56.7k
Ω
3.35
138.0k
Ω
3.30
3.25
(475.0)k
Ω
3.20
(220.0)k
Ω
3.15
(135.0)k
Ω
3.10
(92.4)k
Ω
3.05
(66.9)k
Ω
3.00
(49.9)k
Ω
2.95
(37.5)k
Ω
2.90
(28.6)k
Ω
2.85
(21.6)k
Ω
2.80
(15.9)k
Ω
3.6K
Ω
2.75
(11.3)k
Ω
9.3K
Ω
2.70
(7.4)k
Ω
17.9K
Ω
2.65
(4.1)k
Ω
32.2K
Ω
2.60
(1.3)k
Ω
60.7K
Ω
2.550
[Note 4
] 146.0KΩ
2.500
2.450
(321.0)k
Ω
2.400
(146.0)k
Ω
2.350
(85.7)k
Ω
2.300
(55.3)k
Ω
2.250
(37.2)k
Ω
2.200
(25.0)k
Ω
2.150
(16.4)k
Ω
2.100
(9.9)k
Ω
2.050
(4.8)k
Ω
2.000
(0.8)k
Ω
R1 = Black R2 = (Blue)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com