Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT6510 Datasheet(PDF) 4 Page - Texas Instruments

Part # PT6510
Description  8-A 5-V/3.3-V Input Adjustable ISR with Short-Circuit protection
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6510 Datasheet(HTML) 4 Page - Texas Instruments

  PT6510 Datasheet HTML 1Page - Texas Instruments PT6510 Datasheet HTML 2Page - Texas Instruments PT6510 Datasheet HTML 3Page - Texas Instruments PT6510 Datasheet HTML 4Page - Texas Instruments PT6510 Datasheet HTML 5Page - Texas Instruments PT6510 Datasheet HTML 6Page - Texas Instruments PT6510 Datasheet HTML 7Page - Texas Instruments PT6510 Datasheet HTML 8Page - Texas Instruments PT6510 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
For technical support and further information, visit http://power.ti.com
PT6511; VOUT = 3.3 V
PT6515; VOUT =1.2 V
Safe Operating Area; 3.3 V (See Note B)
Safe Operating Area; Vin =5 V (See Note B)
PT6515; VOUT = 1.2 V
20
30
40
50
60
70
80
90
01
23
45
67
8
IOUT (A)
200LFM
120LFM
60LFM
Nat Conv
Airflow
20
30
40
50
60
70
80
90
01
234
56
78
IOUT (A)
200LFM
120LFM
60LFM
Nat Conv
Airflow
20
30
40
50
60
70
80
90
01
23
45
67
8
IOUT (A)
200LFM
120LFM
60LFM
Nat Conv
Airflow
Note B:
SOA curves represent the conditions at which internal components are at or below the manufacturer’s maximum operating temperatures
Typical Characteristics
SLTS220 FEBRUARY 2004
PT6510 Series
8-A 5-V/3.3-V Input Adjustable ISR
with Short-Circuit protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com