Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SWI10-E Datasheet(PDF) 1 Page - CUI INC

Part # SWI10-E
Description  universal input voltage range
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SWI10-E Datasheet(HTML) 1 Page - CUI INC

  SWI10-E Datasheet HTML 1Page - CUI INC SWI10-E Datasheet HTML 2Page - CUI INC SWI10-E Datasheet HTML 3Page - CUI INC SWI10-E Datasheet HTML 4Page - CUI INC SWI10-E Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
cui.com
date 12/12/2016
page 1 of 5
SERIES: SWI10-E
│ DESCRIPTION: AC-DC POWER SUPPLY
MODEL
output
voltage
output
current
output
power
ripple
and noise1
efficiency
level2
(Vdc)
max
(A)
max
(W)
max
(mVp-p)
SWI10-5-E
5
2
10
250
VI
SWI10-12-E
12
1
12
200
VI
Notes:
1. At full load, 25°C, at 115/230 Vac input, 20 MHz bandwidth oscilloscope, output terminated with 0.1 µF and 10 µF capacitors.
2. CoC Tier 2 compliant
FEATURES
• up to 12 W continuous power
• CoC Tier 2 compliant
• universal input voltage range
• ultra-compact case
• no load power consumption < 0.075 W
• over current, over voltage, and short circuit protections
• GS, CE safety approvals
• Class II construction
PART NUMBER KEY
Base Number
Reserved for Custom
Configurations
SWI10 - XX - E - XXX - CXX
DC Plug Type:
XXX = See output plug options
on page 4 for more details
Output Voltage
AC Input Type:
Europe
For more information, please visit the product page
|
For information on related products, view Dc Power Jacks


Similar Part No. - SWI10-E

ManufacturerPart #DatasheetDescription
logo
CUI INC
SWI10-E CUI-SWI10-E Datasheet
459Kb / 5P
AC-DC POWER SUPPLY
12/09/2020
SWI10-E-USB CUI-SWI10-E-USB Datasheet
587Kb / 4P
AC-DC POWER SUPPLY
SWI10-E CUI-SWI10-E_V01 Datasheet
459Kb / 5P
AC-DC POWER SUPPLY
12/09/2020
More results

Similar Description - SWI10-E

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DRM-24V120W1PN DELTA-DRM-24V120W1PN Datasheet
1Mb / 20P
Universal AC input voltage range
DRM-24V240W1PN DELTA-DRM-24V240W1PN Datasheet
951Kb / 20P
Universal AC input voltage range
DRP024V060W1BX DELTA-DRP024V060W1BX Datasheet
1Mb / 15P
Universal AC input voltage range
logo
Bel Fuse Inc.
ABC400 BEL-ABC400_V01 Datasheet
920Kb / 12P
Universal AC Input Voltage Range: 90-264 VAC
ABC401 BEL-ABC401 Datasheet
1Mb / 14P
Universal input voltage range (90 ??264 VAC)
ABC601 BEL-ABC601 Datasheet
1Mb / 11P
Universal input voltage range (85 ??305 VAC)
ABC1200 BEL-ABC1200 Datasheet
1Mb / 14P
Universal input voltage range (85 ??305 VAC)
ABS400 BEL-ABS400 Datasheet
725Kb / 9P
Universal input voltage range (90 ??264 VAC)
ACC750 BEL-ACC750 Datasheet
1Mb / 12P
Universal input voltage range (85 ??305 VAC)
logo
ETA-USA
AOJS500 ETA-USA-AOJS500 Datasheet
3Mb / 8P
500W AC/DC Wide Input voltage range Universal
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com