Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SWI15-E Datasheet(PDF) 1 Page - CUI INC

Part # SWI15-E
Description  over voltage, over current, and short circuit protections
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SWI15-E Datasheet(HTML) 1 Page - CUI INC

  SWI15-E Datasheet HTML 1Page - CUI INC SWI15-E Datasheet HTML 2Page - CUI INC SWI15-E Datasheet HTML 3Page - CUI INC SWI15-E Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
cui.com
date 03/08/2017
page 1 of 4
SERIES: SWI15-E
│ DESCRIPTION: AC-DC POWER SUPPLY
MODEL
output
voltage
output
current
output
power
ripple
and noise1
efficiency
level2
(Vdc)
max
(A)
max
(W)
max
(mVp-p)
SWI15-5-E
5
2
10
50
VI
SWI15-9-E
9
1.4
12.6
90
VI
SWI15-12-E
12
1
12
100
VI
SWI15-15-E
15
1
15
100
VI
SWI15-24-E
24
0.63
15.1
100
VI
Notes:
1. At full load, nominal input, 20 MHz bandwidth oscilloscope, output terminated with 0.1 µF ceramic and 10 µF electrolytic capacitors.
2. CoC Tier 2 compliant.
3. All specifications are measured at Ta=25°C, nominal input voltage, and 75% rated output load unless otherwise specified.
FEATURES
• up to 15 W continuous power
• DoE Level VI and CoC Tier 2 compliant
• no load power consumption < 0.075 W
• ultra-compact case
• universal input voltage range
• over voltage, over current, and short circuit protections
• CE and GS safety approvals
• Class II construction
PART NUMBER KEY
Base Number
Reserved for Custom
Configurations
SWI15 - XX - E - P5 - CXX
DC Plug Type:
5.5 x 2.1 x 9.5 mm
Output Voltage
AC Input Type:
Europe
For more information, please visit the product page
|
For information on related products, view Dc Power Jacks


Similar Part No. - SWI15-E

ManufacturerPart #DatasheetDescription
logo
CUI INC
SWI15-E CUI-SWI15-E Datasheet
509Kb / 5P
AC-DC POWER SUPPLY
03/11/2021
SWI15-E CUI-SWI15-E_V01 Datasheet
509Kb / 5P
AC-DC POWER SUPPLY
03/11/2021
More results

Similar Description - SWI15-E

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
ADF240 ARCH-ADF240 Datasheet
186Kb / 4P
Protections: Short Circuit / Overload / Over Voltage / Over Temperature
ADF240C ARCH-ADF240C Datasheet
251Kb / 4P
Protections: Short Circuit / Overload / Over Voltage / Over Temperature
logo
CUI INC
SWI12-SC CUI-SWI12-SC Datasheet
419Kb / 4P
short circuit, over current, and over voltage protections
SWI15-N CUI-SWI15-N Datasheet
436Kb / 4P
over voltage, over current, and short circuit protections
VF-D250-DXXA-CF CUI-VF-D250-DXXA-CF Datasheet
497Kb / 5P
over load, over voltage, over temperature, and short circuit protections
VF-D320-DXXXA CUI-VF-D320-DXXXA Datasheet
226Kb / 5P
over load, over voltage, over temperature, and short circuit protections
VF-D320-DXXXA-CFS CUI-VF-D320-DXXXA-CFS Datasheet
221Kb / 5P
over load, over voltage, over temperature, and short circuit protections
VSUU-120-D CUI-VSUU-120-D Datasheet
215Kb / 4P
input surge current, over voltage, over load, and over current protections
ETMA-200W-U CUI-ETMA-200W-U Datasheet
685Kb / 5P
over voltage, overload and short circuit protections
logo
Delta Electronics, Inc.
ADP-19V DELTA-ADP-19V Datasheet
461Kb / 5P
Over-Voltage/Load/Temperature & Short Circuit protections
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com