Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SWI25-N Datasheet(PDF) 1 Page - CUI INC

Part # SWI25-N
Description  compact design
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SWI25-N Datasheet(HTML) 1 Page - CUI INC

  SWI25-N Datasheet HTML 1Page - CUI INC SWI25-N Datasheet HTML 2Page - CUI INC SWI25-N Datasheet HTML 3Page - CUI INC SWI25-N Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
cui.com
date 04/19/2017
page 1 of 4
SERIES: SWI25-N
│ DESCRIPTION: AC-DC POWER SUPPLY
MODEL
output
voltage
output
current
output
power
ripple
and noise1
efficiency
level
(Vdc)
max
(A)
max
(W)
max
(mVp-p)
SWI25-5-N
5
4
20
50
VI
SWI25-12-N
12
2.1
25.2
120
VI
SWI25-15-N
15
1.67
25.1
150
VI
SWI25-18-N
18
1.4
25.2
180
VI
SWI25-24-N
24
1.05
25.2
240
VI
Notes:
1. At full load, nominal input, 20 MHz bandwidth oscilloscope, output terminated with 0.1 µF ceramic and 10 µF electrolytic capacitors.
2. All specifications are measured at Ta=25°C, nominal input voltage, and 75% rated output load unless otherwise specified.
FEATURES
• compact design
• up to 25.2 W continuous power
• DoE Level VI compliant
• no load power consumption < 0.075 W
• universal input voltage range
• over voltage, over current, and short circuit protections
• UL/cUL and PSE safety approvals
• Class II construction
PART NUMBER KEY
Base Number
Reserved for Custom
Configurations
SWI25 - XX - N - P5 - CXX
DC Plug Type:
5.5 x 2.1 x 9.5 mm
Output Voltage
AC Input Type:
North America
For more information, please visit the product page
|
For information on related products, view Dc Power Jacks


Similar Part No. - SWI25-N

ManufacturerPart #DatasheetDescription
logo
CUI INC
SWI25-N CUI-SWI25-N Datasheet
399Kb / 4P
AC-DC POWER SUPPLY
04/26/2021
SWI25-N CUI-SWI25-N_V01 Datasheet
399Kb / 4P
AC-DC POWER SUPPLY
04/26/2021
More results

Similar Description - SWI25-N

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
BBS-4016-E BOSER-BBS-4016-E Datasheet
500Kb / 1P
Compact PC design
BBS-4016-F BOSER-BBS-4016-F Datasheet
224Kb / 1P
compact pc design
BBS-4016-Q BOSER-BBS-4016-Q Datasheet
488Kb / 1P
Compact PC design
BBS-4020-E BOSER-BBS-4020-E Datasheet
639Kb / 1P
Compact PC design
BBS-4020-F BOSER-BBS-4020-F Datasheet
646Kb / 1P
Compact PC design
logo
Ohmite Mfg. Co.
ACL-ACD22 OHMITE-ACL-ACD22 Datasheet
610Kb / 1P
Compact design
logo
Laird Tech Smart Techno...
S2408PC12NF LSTD-S2408PC12NF Datasheet
254Kb / 1P
Small compact design
AA-024-12-22 LSTD-AA-024-12-22 Datasheet
930Kb / 2P
Compact design
DA-045-12-02 LSTD-DA-045-12-02 Datasheet
819Kb / 2P
Compact design
logo
Semikron International
SK35GAL12T4 SEMIKRON-SK35GAL12T4 Datasheet
162Kb / 5P
Compact design
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com