Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA56-21 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SA56-21
Description  14MM SINGLE DIGIT NUMERIC DISPLAYS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SA56-21 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SA56-21 Datasheet HTML 1Page - List of Unclassifed Manufacturers SA56-21 Datasheet HTML 2Page - List of Unclassifed Manufacturers SA56-21 Datasheet HTML 3Page - List of Unclassifed Manufacturers SA56-21 Datasheet HTML 4Page - List of Unclassifed Manufacturers SA56-21 Datasheet HTML 5Page - List of Unclassifed Manufacturers SA56-21 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
7-S56-2
Package Dimensions
& Internal Circuit Diagram
Selection Guide
Part No.
Dice
Iv (ucd)
@ 10 mA
Description
Min.
Max.
SA56-11RWA
SA56-21RWA
FA56-11RWA
RED (GaAsP)
240
560
Common Anode, Rt. Hand Decimal
SC56-11RWA
SC56-21RWA
FC56-11RWA
Common Cathode, Rt. Hand Decimal
SA56-11HWA
SA56-21HWA
FA56-11HWA
BRIGHT RED (GaP)
560
1400
Common Anode, Rt. Hand Decimal
SC56-11HWA
SC56-21HWA
FC56-11HWA
Common Cathode, Rt. Hand Decimal
SA56-11EWA
SA56-21EWA
FA56-11EWA
HIGH EFFICIENCY RED (GaAsP/GaP)
2200
5600
Common Anode, Rt. Hand Decimal
SC56-11EWA
SC56-21EWA
FC56-11EWA
Common Cathode, Rt. Hand Decimal
SA56-11GWA
SA56-21GWA
FA56-11GWA
GREEN (GaP)
5600
14000
Common Anode, Rt. Hand Decimal
SC56-11GWA
SC56-21GWA
FC56-11GWA
Common Cathode, Rt. Hand Decimal
SA56-11YWA
SA56-21YWA
FA56-11YWA
YELLOW (GaAsP/GaP)
2200
5600
Common Anode, Rt. Hand Decimal
SC56-11YWA
SC56-21YWA
FC56-11YWA
Common Cathode, Rt. Hand Decimal
SA56-11SRWA
SA56-21SRWA
FA56-11SRWA
SUPER BRIGHT RED (GaAlAs)
5600
21000
Common Anode, Rt. Hand Decimal
SC56-11SRWA
SC56-21SRWA
FC56-11SRWA
Common Cathode, Rt. Hand Decimal



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com