Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMT112S Datasheet(PDF) 1 Page - CUI INC

Part # AMT112S
Description  patented capacitive ASIC technology
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AMT112S Datasheet(HTML) 1 Page - CUI INC

  AMT112S Datasheet HTML 1Page - CUI INC AMT112S Datasheet HTML 2Page - CUI INC AMT112S Datasheet HTML 3Page - CUI INC AMT112S Datasheet HTML 4Page - CUI INC AMT112S Datasheet HTML 5Page - CUI INC AMT112S Datasheet HTML 6Page - CUI INC AMT112S Datasheet HTML 7Page - CUI INC AMT112S Datasheet HTML 8Page - CUI INC AMT112S Datasheet HTML 9Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
cui.com
date 10/13/2015
page 1 of 9
SERIES: AMT11
│ DESCRIPTION: MODULAR INCREMENTAL ENCODER
ELECTRICAL
parameter
conditions/description
min
typ
max
units
power supply
VDD
4.5
5
5.5
V
start up time
200
ms
current consumption
with unloaded output
16
mA
single ended channels
output high level
output low level
output current (per channel)
rise/fall time
VDD-0.1
8
0.1
15
V
V
mA
ns
differential RS-422 channels
output high level
output low level
output current (per channel)
rise/fall time
3
7
11
0.1
25
20
V
V
mA
ns
INCREMENTAL CHARACTERISTICS
parameter
conditions/description
min
typ
max
units
channels
CMOS Voltage (S)
Quadrature Line Driver (Q)
A, B, Z
A, A, B, B, Z, Z
waveform
CMOS voltage square wave
phase difference
A leads B for CCW rotation (viewed from front)
quadrature resolutions1
48, 96, 100, 125, 192, 200, 250, 256, 384, 400, 500,
512, 768, 800, 1000, 1024, 1600, 2000, 2048, 4096
PPR
index2
one pulse per 360 degree rotation
accuracy
0.2
degrees
quadrature duty cycle
50
%
Notes:
1. Resolution programmed with AMT Viewpoint™ PC software. Default resolution set to 2048 PPR.
2. Zero position alignment set with AMT One Touch Zero™ module, AMT Viewpoint™ PC software, or serial commands
FEATURES
• patented capacitive ASIC technology
• low power consumption
• incremental resolutions up to 4096 PPR
• resolutions programmable with AMT Viewpoint™ PC software
• differential line driver versions
• digitally set zero position
• compact modular package with locking hub for ease of installation
• radial and axial cable connections
• 7 different mounting hole options
• -40~105°C operating temperature
¯
¯
¯
For more information, please visit the product page.


Similar Part No. - AMT112S

ManufacturerPart #DatasheetDescription
logo
Lin Eng. Inc.
AMT112S LINENGINEERING-AMT112S Datasheet
234Kb / 2P
CABLE
logo
CUI Devices
AMT112S-0048-2000-S CUID-AMT112S-0048-2000-S Datasheet
647Kb / 9P
MODULAR INCREMENTAL ENCODER
08/05/2022
logo
Same Sky Devices
AMT112S-0048-2000-S SAMESKY-AMT112S-0048-2000-S Datasheet
631Kb / 9P
MODULAR INCREMENTAL ENCODER
09/12/2024
logo
CUI Devices
AMT112S-0048-2000-W CUID-AMT112S-0048-2000-W Datasheet
647Kb / 9P
MODULAR INCREMENTAL ENCODER
08/05/2022
logo
Same Sky Devices
AMT112S-0048-2000-W SAMESKY-AMT112S-0048-2000-W Datasheet
631Kb / 9P
MODULAR INCREMENTAL ENCODER
09/12/2024
More results

Similar Description - AMT112S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5STP33L2800 ETC-5STP33L2800 Datasheet
394Kb / 6P
Patented free-floating silicon technology
logo
Active-Semi, Inc
ACT411 ACTIVE-SEMI-ACT411_14 Datasheet
301Kb / 16P
Patented Primary Side Regulation Technology
Rev 4, 27-Feb-14
ACT412 ACTIVE-SEMI-ACT412 Datasheet
320Kb / 17P
Patented Primary Side Regulation Technology
Rev 1, 30-Oct-13
ACT413 ACTIVE-SEMI-ACT413 Datasheet
301Kb / 16P
Patented Primary Side Regulation Technology
Rev 2, 27-Feb-14
logo
Xilinx, Inc
XC2S15 XILINX-XC2S15_1 Datasheet
1,015Kb / 99P
Second generation ASIC replacement technology
XC2S50E XILINX-XC2S50E Datasheet
113Kb / 4P
Second generation ASIC replacement technology
XC2S50E XILINX-XC2S50E_08 Datasheet
4Mb / 108P
Second generation ASIC replacement technology
logo
DIYI Electronic Technol...
SL1545 DYELEC-SL1545 Datasheet
2Mb / 2P
Patented Super Barrier Rectifier Technology
logo
CUI INC
AMT20 CUI-AMT20 Datasheet
943Kb / 10P
patented capacitive ASIC technology
logo
Shanghai Leiditech Elec...
TSP10U60S LEIDITECH-TSP10U60S Datasheet
576Kb / 4P
Patented Trench Schottky technology
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com