Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VGD-60 Datasheet(PDF) 3 Page - CUI INC

Part # VGD-60
Description  AC-DC POWER SUPPLY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VGD-60 Datasheet(HTML) 3 Page - CUI INC

  VGD-60 Datasheet HTML 1Page - CUI INC VGD-60 Datasheet HTML 2Page - CUI INC VGD-60 Datasheet HTML 3Page - CUI INC VGD-60 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
cui.com
CUI Inc
│ SERIES: VGD-60 │ DESCRIPTION: AC-DC POWER SUPPLY
date
01/15/2014 │ page 3 of 4
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
129 x 98 x 38 (5.1 x 3.9 x 1.5 inch)
mm
cooling method
free air convection (see derating curve below)
weight
433
g
DERATING CURVES
18.00 0.709
1.280
32.50
3.50 0.138
28.50
120.00
0.354
6.50 0.256
4.724
2.972
0.138
9.00
1.496
0.728
38.00
18.50
1.122
0.374
9.50
75.50
3.50
M3 (3 PLCS)
M3 (2 PLCS)
0.138
3.50
2.894
73.50
33.00 1.299
31.00 1.220
0.276
3.50 0.138
85.50 3.366
98.00 3.858
122.50 4.823
(2 PLCS)
0.177
4.50
7.00
129.00 5.079
8.20 0.323
9.50 0.374
MECHANICAL DRAWING
PIN CONNECTIONS
Pin
Function
1
ac line
2
ac neutral
3
FG
4
COM
5
+V2
6
COM
7
+V1
units mm[inches]
tolerance:
±0.3mm unless otherwise specified
For more information, please visit the product page.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com