Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDALCL5-1BM2 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ESDALCL5-1BM2
Description  Single-line low capacitance and low leakage current ESD protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALCL5-1BM2 Datasheet(HTML) 3 Page - STMicroelectronics

  ESDALCL5-1BM2 Datasheet HTML 1Page - STMicroelectronics ESDALCL5-1BM2 Datasheet HTML 2Page - STMicroelectronics ESDALCL5-1BM2 Datasheet HTML 3Page - STMicroelectronics ESDALCL5-1BM2 Datasheet HTML 4Page - STMicroelectronics ESDALCL5-1BM2 Datasheet HTML 5Page - STMicroelectronics ESDALCL5-1BM2 Datasheet HTML 6Page - STMicroelectronics ESDALCL5-1BM2 Datasheet HTML 7Page - STMicroelectronics ESDALCL5-1BM2 Datasheet HTML 8Page - STMicroelectronics ESDALCL5-1BM2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ESDALCL5-1BM2
Characteristics
Doc ID 023846 Rev 1
3/12
Figure 3.
Relative variation of peak pulse
power versus initial junction
temperature
Figure 4.
Leakage current versus junction
temperature (typical values,
VR =1V)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
0
25
50
75
100
125
150
P [T initial]/P [T initial = 25°C]
PP
j
PP
j
T (°C)
j
1
10
100
1000
0
20
40
60
80
100
120
140
T (°C)
j
I (pA)
R
Figure 5.
Leakage current versus reverse
applied voltage (typical values)
Figure 6.
Peak pulse power versus
exponential pulse duration (direct)
60
-20
-60
-100
100
20
-14 -12 -10
-8
-6
-4
-2
02468
10
V (V)
R
IR(µA)
1
10
100
1000
10000
1
10
100
1000
P (W)
PP
T (µs)
P
Figure 7.
Peak pulse power versus
exponential pulse duration
(reverse)
Figure 8.
Clamping voltage versus peak
pulse current (typical values,
exponential waveform, direct)
1
10
100
1000
10000
1
10
100
1000
T (µs)
P
P (W)
PP
0.1
1.0
10.0
100.0
8
10
1214
1618
2022
I (A)
PP
V (V)
CL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com