Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDARF03-1BF3 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ESDARF03-1BF3
Description  Ultralow capacitance ESD protection for antenna
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDARF03-1BF3 Datasheet(HTML) 2 Page - STMicroelectronics

  ESDARF03-1BF3 Datasheet HTML 1Page - STMicroelectronics ESDARF03-1BF3 Datasheet HTML 2Page - STMicroelectronics ESDARF03-1BF3 Datasheet HTML 3Page - STMicroelectronics ESDARF03-1BF3 Datasheet HTML 4Page - STMicroelectronics ESDARF03-1BF3 Datasheet HTML 5Page - STMicroelectronics ESDARF03-1BF3 Datasheet HTML 6Page - STMicroelectronics ESDARF03-1BF3 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Characteristics
ESDARF03-1BF3
2/7
Doc ID 16078 Rev 1
1
Characteristics
Figure 3.
Electrical characteristics (definitions)
Table 1.
Absolute maximum ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
VPP
ESD discharge IEC 61000-4-2, air discharge
ESD discharge IEC 61000-4-2, contact discharge
15
8
kV
PPP
Peak pulse power dissipation (8/20 µs)
60
W
Tj
Maximum junction temperature
125
°C
Top
Operating temperature range
-30 to + 85
°C
Tstg
Storage temperature range
-55 to +150
°C
Table 2.
Electrical characteristics (Tamb = 25 °C)
Symbol
Test conditions
Min.
Typ.
Max.
Unit
VBR
IR = 1 mA
6
9
V
IRM
VRM = 3 V
100
nA
Rd
Exponential wave form 8/20 µs, Ipp = 1 to 5 A
2.6
Ω
αTIR = 1 mA
5
10-4/ °C
Cline
VLINE = 0 V, VOSC = 30 mV, F = 1 MHz
0.6
0.8
pF
Symbol
Parameter
V
=
Breakdown voltage
I
=
Leakage current @ V
V
=
Stand-off voltage
V
=
Clamping voltage
T =
Voltage temperature coefficient
V
=
Line capacitance
BR
RM
RM
RM
CL
R
=
Dynamic impedance
I
=
Peak pulse current
d
pp
α
F



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com