Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDAXLC6-1BT2 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ESDAXLC6-1BT2
Description  Single-line bidirectional ESD protection for high speed interface
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDAXLC6-1BT2 Datasheet(HTML) 2 Page - STMicroelectronics

  ESDAXLC6-1BT2 Datasheet HTML 1Page - STMicroelectronics ESDAXLC6-1BT2 Datasheet HTML 2Page - STMicroelectronics ESDAXLC6-1BT2 Datasheet HTML 3Page - STMicroelectronics ESDAXLC6-1BT2 Datasheet HTML 4Page - STMicroelectronics ESDAXLC6-1BT2 Datasheet HTML 5Page - STMicroelectronics ESDAXLC6-1BT2 Datasheet HTML 6Page - STMicroelectronics ESDAXLC6-1BT2 Datasheet HTML 7Page - STMicroelectronics ESDAXLC6-1BT2 Datasheet HTML 8Page - STMicroelectronics ESDAXLC6-1BT2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Characteristics
ESDAXLC6-1BT2
2/10
DocID023680 Rev 2
1
Characteristics
Note:
For a surge greater than the maximum values, the diode will fail in short-circuit
Figure 2. Electrical characteristics (definitions)
Table 1.
Absolute maximum ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
VPP
Peak pulse voltage:
IEC 61000-4-2 contact discharge
IEC 61000-4-2 air discharge
± 16
± 25
kV
PPP
Peak pulse power (8/20 µs)
40
W
IPP
Peak pulse current (8/20 µs)
1.3
A
Tj
Operating junction temperature range
- 40 to +150
°C
Tstg
Storage temperature range
- 65 to +150
°C
TL
Maximum lead temperature for soldering during 10 s
260
°C
Table 2. Electrical characteristics (values, Tamb = 25 °C)
Symbol
Test condition
Min.
Typ.
Max.
Unit
VBR
IR = 1 mA
6
V
IRM
VRM = 3 V
70
nA
VCL
IPP = 1 A, 8/20 µA
17
V
Cline
F = (200 MHz- 3000 MHz), VR = 0 V
0.4
0.5
pF
Symbol
Parameter
V
=
Breakdown voltage
I
=
Leakage current @ V
V
=
Stand-off voltage
I
=
Peak pulse current
C
=
Parasite capacitance
R
BR
RM
RM
RM
PP
d
=
Dynamic impedance
αT
=
Voltage temperature coefficient



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com