Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDAULC6-8F3 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ESDAULC6-8F3
Description  8-line ultralarge bandwidth ESD protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDAULC6-8F3 Datasheet(HTML) 6 Page - STMicroelectronics

  ESDAULC6-8F3 Datasheet HTML 1Page - STMicroelectronics ESDAULC6-8F3 Datasheet HTML 2Page - STMicroelectronics ESDAULC6-8F3 Datasheet HTML 3Page - STMicroelectronics ESDAULC6-8F3 Datasheet HTML 4Page - STMicroelectronics ESDAULC6-8F3 Datasheet HTML 5Page - STMicroelectronics ESDAULC6-8F3 Datasheet HTML 6Page - STMicroelectronics ESDAULC6-8F3 Datasheet HTML 7Page - STMicroelectronics ESDAULC6-8F3 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Package information
ESDAULC6-8F3
6/8
Doc ID 16859 Rev 2
Figure 16.
Flip Chip tape and reel specification
Note:
More packing information is available in the application notes:
AN2348: "Flip Chip: Package description and recommendations for use"
AN1751: "EMI Filters: Recommendations and measurements"
Figure 14.
Footprint
Figure 15.
Marking
Copper pad diameter:
220 µm recommended, 260 µm max
Solder mask opening:
300 µm minimum
Solder stencil opening:
220 µm recommended
x
y
x
w
z
w
Dot, ST logo
xx = maring
z = manufacturing location
yww = datecode
(y = year
ww = week)
ECOPACK ® Grade
User direction of unreeling
All dimensions in mm
4.0 ± 0.1
4.0 ± 0.1
Ø 1.5 ± 0.1
0.69 ± 0.05
1.30
Dot identifyng Pin A1 location



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com