Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP051-4M10 Datasheet(PDF) 9 Page - STMicroelectronics

Part # HSP051-4M10
Description  4-line ESD protection for high speed lines
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HSP051-4M10 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button HSP051-4M10 Datasheet HTML 4Page - STMicroelectronics HSP051-4M10 Datasheet HTML 5Page - STMicroelectronics HSP051-4M10 Datasheet HTML 6Page - STMicroelectronics HSP051-4M10 Datasheet HTML 7Page - STMicroelectronics HSP051-4M10 Datasheet HTML 8Page - STMicroelectronics HSP051-4M10 Datasheet HTML 9Page - STMicroelectronics HSP051-4M10 Datasheet HTML 10Page - STMicroelectronics HSP051-4M10 Datasheet HTML 11Page - STMicroelectronics HSP051-4M10 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
DocID024952 Rev 4
9/12
HSP051-4M10
Recommendation on PCB assembly
12
can lead to insufficient contact between package and solder paste that could cause
open solder joints or badly centered packages.
5.
To improve the package placement accuracy, a bottom side optical control should be
performed with a high resolution tool.
6.
For assembly, a perfect supporting of the PCB (all the more on flexible PCB) is
recommended during solder paste printing, pick and place and reflow soldering by
using optimized tools.
3.3
PCB design
1.
To control the solder paste amount, the closed via is recommended instead of open
vias.
2.
The position of tracks and open vias in the solder area should be well balanced. The
symmetrical layout is recommended, in case any tilt phenomena caused by
asymmetrical solder paste amount due to the solder flow away.
Figure 21. Printed circuit board layout recommendations
Via to
GND
Via to
GND
500 µm
Footprint pad
PCB tracks
1
5
6
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com