Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP061-2Y Datasheet(PDF) 1 Page - STMicroelectronics

Part # HSP061-2Y
Description  Automotive 2-line ESD protection for high speed lines
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HSP061-2Y Datasheet(HTML) 1 Page - STMicroelectronics

  HSP061-2Y Datasheet HTML 1Page - STMicroelectronics HSP061-2Y Datasheet HTML 2Page - STMicroelectronics HSP061-2Y Datasheet HTML 3Page - STMicroelectronics HSP061-2Y Datasheet HTML 4Page - STMicroelectronics HSP061-2Y Datasheet HTML 5Page - STMicroelectronics HSP061-2Y Datasheet HTML 6Page - STMicroelectronics HSP061-2Y Datasheet HTML 7Page - STMicroelectronics HSP061-2Y Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
This is information on a product in full production.
November 2014
DocID024471 Rev 2
1/8
8
HSP061-2Y
Automotive 2-line ESD protection for high speed lines
Datasheet
- production data
Figure 1. Functional diagram (top view)
Features
• Flow-through routing to keep signal integrity
• Ultralarge bandwidth: 6 GHz
• Ultralow capacitance: 0.6 pF
• Low leakage current: 100 nA at 25 °C
• Extended operating junction temperature
range: -40 °C to 150 °C
• RoHS compliant
• AEC-Q101 qualified
Benefits
• High ESD robustness of the equipment
• Suitable for high density boards
Complies with following standards:
• ISO 10605 - C = 150 pF, R = 330 Ω
– 30 kV (air discharge)
– 15 kV (contact discharge)
• ISO 10605 - C = 330 pF, R = 330 Ω
– 30 kV (air discharge)
– 15 kV (contact discharge)
• ISO 7637-3:
– Pulse 3a: Vs = -150 V
– Pulse 3b: Vs = +100 V
Applications
The HSP061-2Y is designed to protect against
electrostatic discharge on automotive circuits
driving:
• APIX
• LVDS
• HDMI 1.3 and 1.4
• Ethernet
• Digital Video Interface
• Display Port
• USB 3.0
• Serial ATA
• High speed communication buses
• HMI
Description
The HSP061-2Y is a 2-channel ESD array with a
rail to rail architecture designed specifically for the
protection of high speed differential lines.
The ultralow variation of the capacitance ensures
very low influence on signal-skew. The large
bandwidth makes it compatible with 5 Gbps.
HSP061-2P6Y
SOT666
1
16
2
5
3
4
I/O1
I/O1
GND
VBUS
I/O2
I/O2
HSP061-2P6Y
SOT666
www.st.com


Similar Part No. - HSP061-2Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HSP061-2 STMICROELECTRONICS-HSP061-2 Datasheet
241Kb / 12P
2-line ESD protection for high speed lines
07-Feb-2012
HSP061-2 STMICROELECTRONICS-HSP061-2 Datasheet
269Kb / 12P
2-line ESD protection for high speed lines
19-Mar-2014
HSP061-2M6 STMICROELECTRONICS-HSP061-2M6 Datasheet
269Kb / 12P
2-line ESD protection for high speed lines
19-Mar-2014
logo
TECH PUBLIC Electronics...
HSP061-2M6 TECHPUBLIC-HSP061-2M6 Datasheet
1Mb / 4P
Low-Capacitance 2-Channel double Rail-to-Rail ESD-Protection
logo
STMicroelectronics
HSP061-2N4 STMICROELECTRONICS-HSP061-2N4 Datasheet
269Kb / 12P
2-line ESD protection for high speed lines
19-Mar-2014
More results

Similar Description - HSP061-2Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HSP061-2 STMICROELECTRONICS-HSP061-2 Datasheet
241Kb / 12P
2-line ESD protection for high speed lines
07-Feb-2012
HSP061-4M10 STMICROELECTRONICS-HSP061-4M10 Datasheet
182Kb / 11P
4-line ESD protection for high speed lines
18-Oct-2012
HSP061-4NY8 STMICROELECTRONICS-HSP061-4NY8_13 Datasheet
353Kb / 9P
4-line ESD protection for high speed lines
27-Mar-2013
HSP062-2 STMICROELECTRONICS-HSP062-2 Datasheet
216Kb / 11P
2-line ESD protection for high speed lines
07-Feb-2012
HSP061-2M6 STMICROELECTRONICS-HSP061-2M6 Datasheet
269Kb / 12P
2-line ESD protection for high speed lines
19-Mar-2014
HSP061-4M10Y STMICROELECTRONICS-HSP061-4M10Y Datasheet
380Kb / 11P
Automotive 4-line ESD protection for high speed lines
09-Dec-2013
HSP051-4M10 STMICROELECTRONICS-HSP051-4M10 Datasheet
566Kb / 12P
4-line ESD protection for high speed lines
14-Nov-2014
HSP051-4N10 STMICROELECTRONICS-HSP051-4N10 Datasheet
1Mb / 11P
4-line ESD protection for high speed lines
11-Jul-2014
HSP061-4F4 STMICROELECTRONICS-HSP061-4F4 Datasheet
194Kb / 7P
4-line ESD protection for high speed lines
31-Oct-2013
HSP051-2W3Y STMICROELECTRONICS-HSP051-2W3Y Datasheet
776Kb / 12P
Automotive 2-line ESD protection for high speed lines
10-Jul-2018
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com