Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7985BCPZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD7985BCPZ
Description  16-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7985BCPZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7985BCPZ Datasheet HTML 5Page - Analog Devices AD7985BCPZ Datasheet HTML 6Page - Analog Devices AD7985BCPZ Datasheet HTML 7Page - Analog Devices AD7985BCPZ Datasheet HTML 8Page - Analog Devices AD7985BCPZ Datasheet HTML 9Page - Analog Devices AD7985BCPZ Datasheet HTML 10Page - Analog Devices AD7985BCPZ Datasheet HTML 11Page - Analog Devices AD7985BCPZ Datasheet HTML 12Page - Analog Devices AD7985BCPZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
AD7985
Data Sheet
Rev. C | Page 8 of 28
Pin No.
Mnemonic
Type1
Description
19
BVDD
P
Reference Buffer Power. Nominally at 5.0 V. If an external reference buffer is used to achieve the maximum
SNR performance with a 5 V reference, the reference buffer must be powered down by connecting the
REFIN pin to ground. The external reference buffer must be connected to the BVDD pin.
20
REFIN
AI/O
Internal Reference Output/Reference Buffer Input.
When PDREF is low, the internal band gap reference produces a 1.2 V (typical) voltage on this pin,
which needs external decoupling (0.1 µF typical).
When PDREF is high, use an external reference to provide 1.2 V (typical) to this pin.
When PDREF is high and REFIN is low, the on-chip reference buffer and the band gap reference are
powered down. An external reference must be connected to REF and BVDD.
21
Exposed Pad
EP
The exposed pad is not connected internally. For increased reliability of the solder joints, it is
recommended that the pad be soldered to the system ground plane.
1
AI = analog input, AI/O = bidirectional analog, DI = digital input, DO = digital output, and P = power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com