Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDP01-XXAY Datasheet(PDF) 2 Page - STMicroelectronics

Part # LDP01-XXAY
Description  Automotive TVS for load dump protection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDP01-XXAY Datasheet(HTML) 2 Page - STMicroelectronics

  LDP01-XXAY Datasheet HTML 1Page - STMicroelectronics LDP01-XXAY Datasheet HTML 2Page - STMicroelectronics LDP01-XXAY Datasheet HTML 3Page - STMicroelectronics LDP01-XXAY Datasheet HTML 4Page - STMicroelectronics LDP01-XXAY Datasheet HTML 5Page - STMicroelectronics LDP01-XXAY Datasheet HTML 6Page - STMicroelectronics LDP01-XXAY Datasheet HTML 7Page - STMicroelectronics LDP01-XXAY Datasheet HTML 8Page - STMicroelectronics LDP01-XXAY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Characteristics
LDP01-xxAY
2/11
DocID026556 Rev 2
1
Characteristics
Figure 1. Electrical characteristics (definitions)
Figure 2. Pulse definition for electrical characteristics
Table 2. Absolute maximum ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
VPP
Peak pulse voltage
ISO 10605 (C = 330 pF, R = 330
Ω )
– contact discharge
– air discharge
IEC 61000-4-2
– contact discharge
– air discharge
30
30
30
30
kV
Tstg
Storage temperature range
-65 to + 175
°C
Tj
Operating junction temperature range
-55 to + 175
°C
TL
Maximum lead temperature for soldering during 10 s
260
°C
Table 3. Thermal parameter
Symbol
Parameter
Maximum
Unit
Rth(j-c)
Junction to case
D2PAK
0.24
°C/W
V
I
VCLVBR
VRM
IF
VF
IRM
IPP
Slope: 1/Rd
Symbol
Parameter
V
=
Breakdown voltage
I
=
Leakage current at V
V
=
Stand-off voltage
I
=
Peak pulse current
V
=
Forward voltage drop
R
BR
RM
RM
RM
PP
F
V
=
Clamping voltage
CL
d
=
Dynamic impedance
T
=
Voltage temperature
a
100
50
%I
PP
t
t
r
p
0
t
Pulse waveform
tr = rise (µs)
tp = pulse duration time (µs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com