Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T01 Datasheet(PDF) 8 Page - STMicroelectronics

Part # M41T01
Description  Automatic switchover and deselect circuitry
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T01 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M41T01 Datasheet HTML 4Page - STMicroelectronics M41T01 Datasheet HTML 5Page - STMicroelectronics M41T01 Datasheet HTML 6Page - STMicroelectronics M41T01 Datasheet HTML 7Page - STMicroelectronics M41T01 Datasheet HTML 8Page - STMicroelectronics M41T01 Datasheet HTML 9Page - STMicroelectronics M41T01 Datasheet HTML 10Page - STMicroelectronics M41T01 Datasheet HTML 11Page - STMicroelectronics M41T01 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Operation
M41T01
8/24
DocID025389 Rev 2
Data valid
The state of the data line represents valid data when after a start condition, the data
line is stable for the duration of the High period of the clock signal (see Figure 4). The
data on the line may be changed during the Low period of the clock signal. There is one
clock pulse per bit of data.
Each data transfer is initiated with a start condition and terminated with a stop
condition. The number of data bytes transferred between the start and stop conditions
is not limited. The information is transmitted byte-wide and each receiver
acknowledges with a ninth bit.
By definition, a device that gives out a message is called “transmitter”, the receiving
device that gets the message is called “receiver”. The device that controls the message
is called “master”. The devices that are controlled by the master are called “slaves”.
Figure 4. Serial bus data transfer sequence
AI00587
DATA
CLOCK
DATA LINE
STABLE
DATA VALID
START
CONDITION
CHANGE OF
DATA ALLOWED
STOP
CONDITION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com