Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLVU2.8 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SLVU2.8
Description  Low voltage unit for Gigabit Ethernet protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SLVU2.8 Datasheet(HTML) 1 Page - STMicroelectronics

  SLVU2.8 Datasheet HTML 1Page - STMicroelectronics SLVU2.8 Datasheet HTML 2Page - STMicroelectronics SLVU2.8 Datasheet HTML 3Page - STMicroelectronics SLVU2.8 Datasheet HTML 4Page - STMicroelectronics SLVU2.8 Datasheet HTML 5Page - STMicroelectronics SLVU2.8 Datasheet HTML 6Page - STMicroelectronics SLVU2.8 Datasheet HTML 7Page - STMicroelectronics SLVU2.8 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
May 2011
Doc ID 16191 Rev 2
1/8
8
SLVU2.8
Low voltage unit for Gigabit Ethernet protection
Features
Peak pulse current : IPP = 30 A 8/20 µs
Low capacitance : Ctyp = 1.5 pF
Stand-off voltage : VR = 2.8 V
Low leakage current : IRmax = 0.2 µA
ECOPACK®2 compliant component
IEC 61000-4-5 (1kV 42 Ω 24 A) compliant at
Tj = 150 °C
Complies with the following standards
IEC 61000-4-2 level 4
– 15 kV (air discharge)
– 8 kV (contact discharge)
IEC 61000-4-4 level 4
– ± 2 kV - 40 A (5/50 ns)
IEC 61000-4-5 level 2
– ± 1 kV - 42
Ω
IEEE 802.3ab and 802.3at compatible on both
receiver (4 Vmax ) and driver side ( 3.6 Vmax)
MIL STD 883G - Method 3015-7
– 25 kV (human body model)
Description
The SLVU2.8 series has been designed to protect
Ethernet line. Its low capacitance makes it
compatible with Gigabit Ethernet.
SLVU2.8-4A1 is designed to be compatible with
Gigabiit Ethernet and Gigabit PoE by using two
SO-8 packages and can be used on
10/100 Mbps Ethernet by using a single device.
SLVU2.8-8A1 is designed to be compatible with
Gigabiit Ethernet and Gigabit PoE by using a
single SO-8 package.
Surge capability is compatible with IEC 61000-4-5
class 2 (1 kV, 42
Ω, 24 A).
Packaged in SO-8, the SLVU2.8 is a flow-through
design in order to minimize trace inductances.
Footprint is in accordance with IPC 7531
standard.
SLVU2.8-4A1
SLVU2.8-8A1
SO-8 package
www.st.com


Similar Part No. - SLVU2.8

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SLVU2.8 SEMTECH-SLVU2.8 Datasheet
168Kb / 10P
Low Voltage EPD TVS Diode For ESD and Latch-Up Protection
logo
Weitron Technology
SLVU2.8 WEITRON-SLVU2.8 Datasheet
1Mb / 7P
Ultralow Capacitance TVS Diodes Array for ESD Protection
logo
Micro Commercial Compon...
SLVU2.8 MCC-SLVU2.8 Datasheet
276Kb / 4P
2.8Volts ESD Protection Devices
logo
Protek Devices
SLVU2.8 PROTEC-SLVU2.8 Datasheet
960Kb / 9P
600 WATT ULTRA LOW CAPACITANCE TVS ARRAY
logo
Littelfuse
SLVU2.8 LITTELFUSE-SLVU2.8 Datasheet
1Mb / 4P
The SLVU2.8 series was designed to protect low voltage, CMOS devices from ESD and lightning induced transients.
More results

Similar Description - SLVU2.8

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
UCLAMP2804L SEMTECH-UCLAMP2804L Datasheet
282Kb / 8P
Lightning and ESD Protection for Gigabit Ethernet Interfaces
UCLAMP3312T SEMTECH-UCLAMP3312T Datasheet
365Kb / 8P
Low Voltage 關Clamp짰 for Gigabit Ethernet
logo
STMicroelectronics
SLVU2.8-8A1 STMICROELECTRONICS-SLVU2.8-8A1 Datasheet
202Kb / 8P
Low voltage unit for Gigabit Ethernet protection
31-May-2011
SLVU2.8-4A1 STMICROELECTRONICS-SLVU2.8-4A1 Datasheet
202Kb / 8P
Low voltage unit for Gigabit Ethernet protection
31-May-2011
logo
Socay Electornics Co., ...
ULC33CP8 SOCAY-ULC33CP8 Datasheet
296Kb / 3P
Lightning & ESD Protection For Gigabit Ethernet Interface
logo
STMicroelectronics
AN3007 STMICROELECTRONICS-AN3007 Datasheet
418Kb / 20P
100 Mbps and Gigabit Ethernet protection
30-Mar-2010
logo
Rectron Semiconductor
TEP2201-33LC RECTRON-TEP2201-33LC Datasheet
755Kb / 6P
Low Capacitance ESD/Surge Protection for Gigabit Ethernet Interfaces
logo
Semtech Corporation
UCLAMP2512T SEMTECH-UCLAMP2512T Datasheet
371Kb / 8P
Lightning and ESD Protection for Gigabit Ethernet Interfaces
logo
Rectron Semiconductor
TEP2203-25LC RECTRON-TEP2203-25LC Datasheet
222Kb / 5P
Low Capacitance ESD/Surge Protection for Gigabit Ethernet Interfaces
logo
Shanghai Leiditech Elec...
ESD33T8 LEIDITECH-ESD33T8 Datasheet
2Mb / 6P
FOR GIGABIT ETHERNET PROTECTION TVS DIODE ARRAY
Rev : 01.04.2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com