Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM704 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STM704
Description  3V Supervisor with Battery Switchover
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM704 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STM704 Datasheet HTML 19Page - STMicroelectronics STM704 Datasheet HTML 20Page - STMicroelectronics STM704 Datasheet HTML 21Page - STMicroelectronics STM704 Datasheet HTML 22Page - STMicroelectronics STM704 Datasheet HTML 23Page - STMicroelectronics STM704 Datasheet HTML 24Page - STMicroelectronics STM704 Datasheet HTML 25Page - STMicroelectronics STM704 Datasheet HTML 26Page - STMicroelectronics STM704 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
23/31
STM690/704/795/802/804/805/806
Figure 37. Watchdog Timing
Table 7. DC and AC Characteristics
Sym
Alter-
native
Description
Test Condition(1)
Min
Typ
Max
Unit
VCC,
VBAT
(2)
Operating Voltage
TA = –40 to +85°C
1.1(3)
5.5
V
ICC
VCC Supply Current
Excluding IOUT (VCC < 5.5V)
40
60
µA
Excluding IOUT (VCC < 3.6V)
35
50
µA
VCC Supply Current in
Battery Back-up Mode
Excluding IOUT
(VBAT = 2.3V,
VCC = 2.0V, MR = VCC)
25
35
µA
IBAT
(4)
VBAT Supply Current in
Battery Back-up Mode
Excluding IOUT
(VBAT = 3.6V)
0.4
1.0
µA
VOUT1
VOUT Voltage (Active)
IOUT1 = 5mA
(5)
VCC
0.03
VCC
0.015
V
IOUT1 = 75mA
VCC
0.3
VCC
0.15
V
IOUT1 = 250µA,
VCC > 2.5V
(5)
VCC
0.0015
VCC
0.0006
V
VOUT2
VOUT Voltage (Battery
Back-up)
IOUT2 = 250µA, VBAT = 2.3V
VBAT
0.1
VBAT
0.034
V
IOUT2 = 1mA, VBAT = 2.3V
VBAT
0.14
V
VCC to VOUT On-resistance
34
VBAT to VOUT On-resistance
100
ILI
Input Leakage Current (MR)
STM704/806 only;
MR = 0V; VCC = 3V
20
75
350
µA
Input Leakage Current (PFI)
0V = VIN = VCC
–25
2
+25
nA
Input Leakage Current (WDI)
0V = VIN = VCC
–1
+1
µA
ILO
Output Leakage Current
STM804/805/795;
0V = VIN = VCC
(6)
–1
+1
µA
VIH
Input High Voltage (MR, WDI)
VRST (max) < VCC < 5.5V
0.7VCC
V
VIL
Input Low Voltage (MR, WDI)
VRST (max) < VCC < 5.5V
0.3VCC
V
AI07891
RST
WDI
VCC
trec
tWD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com