Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS14632 Datasheet(PDF) 1 Page - Cree, Inc

Part # CS14632
Description  Strada series
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CS14632 Datasheet(HTML) 1 Page - Cree, Inc

  CS14632 Datasheet HTML 1Page - Cree, Inc CS14632 Datasheet HTML 2Page - Cree, Inc CS14632 Datasheet HTML 3Page - Cree, Inc CS14632 Datasheet HTML 4Page - Cree, Inc CS14632 Datasheet HTML 5Page - Cree, Inc CS14632 Datasheet HTML 6Page - Cree, Inc CS14632 Datasheet HTML 7Page - Cree, Inc CS14632 Datasheet HTML 8Page - Cree, Inc CS14632 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
PRODUCT DATASHEET
Strada series
last update 31/5/2017
DETAILS
Product Number
CS14632_STRADA-2X2MX-DWC
Family
Strada
Type
Assembly
Color
clear
Diameter
90x90 mm
Height
11,13 mm
Style
square
Optic Material
Holder Material
Fastening
screw
Status
production ready
ROHS Comliant
Yes
Date Updated
31/05/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
PSL440
Asymmetric degStreetligh...
94 %
0.670
-
PSL445
Asymmetric degStreetligh...
94 %
0.470
-
XHP70
asymmetric degStreetligh...
94 %
0.530
-
XHP50
asymmetric degStreetligh...
94 %
0.610
-
XM-L
asymmetric degStreetligh...
94 %
0.730
-
XHP35 HD
Asymmetric degStreetligh...
94 %
0.700
-
XHP35 HI
Asymmetric degStreetligh...
94 %
0.740
-
LUXEON M/MX
asymmetric degStreetligh...
94 %
0.610
-
LUXEON MZ
Asymmetric degStreetligh...
94 %
0.800
-
LUXEON XR-M square 2x2
asymmetric degStreetligh...
94 %
0.610
-
NV4x144A
Asymmetric degStreetligh...
94 %
0.600
-
NFMW48xA
sim: asym
Streetligh...
sim: 94 % sim: 0.580 -
Duris S10
sim: AsymmetricStreetligh...
92 %
0.530
-
Duris P10
sim: AsymmetricStreetligh...
sim: 92 % -
-
June 12th 2017 4:08 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - CS14632

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CS14-E2GA392MYGSA TDK-CS14-E2GA392MYGSA Datasheet
93Kb / 4P
Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
CS14-E2GA392MYNSA TDK-CS14-E2GA392MYNSA Datasheet
93Kb / 4P
Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
CS14-E2GA392MYVSA TDK-CS14-E2GA392MYVSA Datasheet
93Kb / 4P
Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
logo
Coto Technology
CS140 COTO-CS140 Datasheet
934Kb / 3P
MAXIMUM RATINGS, ELECTRICAL SPECIFICATIONS
logo
Cree, Inc
CS14055 CREE-CS14055 Datasheet
3Mb / 52P
Strada series
More results

Similar Description - CS14632

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C13896 CREE-C13896 Datasheet
1Mb / 22P
Strada series
CA11243 CREE-CA11243 Datasheet
330Kb / 7P
Strada series
C15021 CREE-C15021 Datasheet
4Mb / 72P
Strada series
C11889 CREE-C11889 Datasheet
710Kb / 11P
Strada series
CS15158 CREE-CS15158 Datasheet
2Mb / 31P
Strada series
C13604 CREE-C13604 Datasheet
4Mb / 66P
Strada series
CA12889 CREE-CA12889 Datasheet
1Mb / 26P
Strada series
CA13119 CREE-CA13119 Datasheet
1Mb / 29P
Strada series
CS15418 CREE-CS15418 Datasheet
2Mb / 33P
Strada series
CS15671 CREE-CS15671 Datasheet
853Kb / 9P
Strada series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com