Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4471G Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE4471G
Description  Triple Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4471G Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE4471G Datasheet HTML 1Page - Infineon Technologies AG TLE4471G Datasheet HTML 2Page - Infineon Technologies AG TLE4471G Datasheet HTML 3Page - Infineon Technologies AG TLE4471G Datasheet HTML 4Page - Infineon Technologies AG TLE4471G Datasheet HTML 5Page - Infineon Technologies AG TLE4471G Datasheet HTML 6Page - Infineon Technologies AG TLE4471G Datasheet HTML 7Page - Infineon Technologies AG TLE4471G Datasheet HTML 8Page - Infineon Technologies AG TLE4471G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Data Sheet Rev. 1.1
1
2001-09-06
Triple Voltage Regulator
TLE 4471
Data Sheet
P-DSO-20-10
Features
• Triple Voltage Regulator
• Output Voltage 5 V with 450 mA Current Capability
• Two tracked Outputs for 50 mA and 100 mA
• Enable Function for main and tracked Output(s)
• Reset with adjustable Threshold
• Undervoltage- and Power On-Reset
• Watchdog
• Independent Watchdog- and Resetdelay
• Wide Temperature Range
• Overtemperature Protection
• Overvoltage Protection
• Reverse Polarity Proof
 New type
Functional Description
The TLE 4471 is a monolithic integrated very low-drop triple voltage regulator. The main
output supplies loads up to 450 mA and the additional tracked outputs can provide up to
50 mA
and
100 mA.
In
addition
the
device
includes
a
watchdog
for
microcontroller-supervision, an under-voltage reset, a power on reset and extended
enabling features. The watchdog and reset timing can be chosen independently of each
other. The TLE 4471 is available in the P-DSO-20-12 power package. It is designed to
supply microprocessor systems under the severe condition of automotive applications
and therefore it is equipped with additional protection against overload, short circuit and
overtemperature. Of course the TLE 4471 can be used in other applications as well.
The TLE 4471 operates in the temperature range of
T
j = – 40 to 150 °C.
Type
Ordering Code
Package
 TLE 4471G
Q67007-A9438
P-DSO-20-12 (SMD)


Similar Part No. - TLE4471G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4471G INFINEON-TLE4471G Datasheet
425Kb / 24P
Triple Voltage Regulator
Rev. 1.6, 2009-02-03
More results

Similar Description - TLE4471G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST3L01 STMICROELECTRONICS-ST3L01 Datasheet
542Kb / 12P
TRIPLE VOLTAGE REGULATOR
Mar-2002
ST3M01 STMICROELECTRONICS-ST3M01 Datasheet
287Kb / 11P
TRIPLE VOLTAGE REGULATOR
Nov-2000
logo
KEC(Korea Electronics)
KTC4520F KEC-KTC4520F Datasheet
375Kb / 3P
TRIPLE DIFFUSED NPN TRANSISTOR(SWITCHING REGULATOR, HIGH VOLTAGE, HIGH VOLTAGE SWITCHING)
logo
Interpion semiconductor
IP1531 INTERPION-IP1531 Datasheet
244Kb / 13P
TRIPLE OUTPUT VOLTAGE LDO REGULATOR
IP1532 INTERPION-IP1532 Datasheet
422Kb / 16P
TRIPLE OUTPUT VOLTAGE SERIES REGULATOR
logo
Infineon Technologies A...
TLE4418G INFINEON-TLE4418G Datasheet
85Kb / 10P
Triple Voltage Regulator
Rev. 0.1 2001-12-10
logo
Linear Technology
LTM4615 LINER-LTM4615 Datasheet
413Kb / 24P
Triple Output, Low Voltage DC/DC 關Module Regulator
logo
Infineon Technologies A...
TLE4471 INFINEON-TLE4471_09 Datasheet
425Kb / 24P
Triple Voltage Regulator
Rev. 1.6, 2009-02-03
logo
STMicroelectronics
ST3L01K7R STMICROELECTRONICS-ST3L01K7R Datasheet
571Kb / 12P
TRIPLE VOLTAGE REGULATOR
Mar-2002
logo
Linear Technology
LTM4615 LINER-LTM4615_15 Datasheet
524Kb / 24P
Triple Output, Low Voltage DC/DC Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com