Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLHG6401 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TLHG6401
Description  High Efficiency LED in 5 mm Tinted Diffused Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHG6401 Datasheet(HTML) 3 Page - Vishay Siliconix

  TLHG6401 Datasheet HTML 1Page - Vishay Siliconix TLHG6401 Datasheet HTML 2Page - Vishay Siliconix TLHG6401 Datasheet HTML 3Page - Vishay Siliconix TLHG6401 Datasheet HTML 4Page - Vishay Siliconix TLHG6401 Datasheet HTML 5Page - Vishay Siliconix TLHG6401 Datasheet HTML 6Page - Vishay Siliconix TLHG6401 Datasheet HTML 7Page - Vishay Siliconix TLHG6401 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
VISHAY
TLHG / R / Y640.
Document Number 83219
Rev. 1.5, 31-Aug-04
Vishay Semiconductors
www.vishay.com
3
Green
TLHG64..
1) in one Packing Unit I
Vmin/IVmax ≤ 0.5
Typical Characteristics (Tamb = 25 °C unless otherwise specified)
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Luminous intensity 1)
IF = 10 mA
TLHG6400
IV
1.6
4
mcd
TLHG6401
IV
47
mcd
TLHG6405
IV
6.3
15
mcd
Dominant wavelength
IF = 10 mA
λd
562
575
nm
Peak wavelength
IF = 10 mA
λp
565
nm
Angle of half intensity
IF = 10 mA
ϕ
± 30
deg
Forward voltage
IF = 20 mA
VF
2.4
3
V
Reverse voltage
IR = 10 µAVR
615
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
50
pF
Figure 1. Power Dissipation vs. Ambient Temperature
Figure 2. Forward Current vs. Ambient Temperature
0
25
50
75
100
125
95 10918
Tamb − Ambient Temperature ( °C)
0
100
80
60
40
20
0
10
20
30
40
60
95 10046
50
0
100
80
60
40
20
Tamb − Ambient Temperature ( °C)
Figure 3. Forward Current vs. Pulse Length
Figure 4. Rel. Luminous Intensity vs. Angular Displacement
0.01
0.1
1
10
1
10
100
1000
10000
100
95 10025
0.02
0.05
0.1
0.2
1
0.5
Tamb
85
°C
≤
t p/T = 0.01
tp – Pulse Length ( ms )
0.4
0.2
0
0.2
0.4
0.6
95 10042
0.6
0.9
0.8
0
°
°
°
30°
10
20
40°
50°
60°
70°
80°
0.7
1.0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com