Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLSH180P Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLSH180P
Description  TOSHIBA LED Lamp InGaA?밣 Red Light Emission
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLSH180P Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLSH180P Datasheet HTML 1Page - Toshiba Semiconductor TLSH180P Datasheet HTML 2Page - Toshiba Semiconductor TLSH180P Datasheet HTML 3Page - Toshiba Semiconductor TLSH180P Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TLSH180P
2002-09-25
1
TOSHIBA LED Lamp InGaAℓP Red Light Emission
TLSH180P
Panel Circuit Indicator
· 5 mm diameter (T1−3 / 4)
· InGaAℓP red LED
· All plastic mold type.
· Colorless clear lens
· Low drive current, high intensity red light emission
Recommended forward current: IF = 1~20 mA (DC)
· All plastic molded lens, provides an excellent on−off contrast ratio.
· Fast response time, capable of pulse operation.
· High power luminous intensity
· Without stand−offs
· Applications: Suitable for outdoor message signboard, safety
equipment.
Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Forward current (DC)
IF
50
mA
Reverse voltage
VR
4
V
Power dissipation
PD
125
mW
Operating temperature range
Topr
-30~85
°C
Storage temperature range
Tstg
-40~120
°C
Electrical And Optical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Forward voltage
VF
IF = 20mA
—
2.1
2.5
V
Reverse current
IR
VR = 4V
—
—
50
µA
TLSH180P
2720
10000
—
Luminous intensity
TLSH180P(VW)
IV
IF = 20mA
(Note)
4760
—
23000
mcd
Peak emission wavelength
λP
IF = 20mA
—
623
—
nm
Spectral line half width
∆λ
IF = 20mA
—
15
—
nm
Dominant wavelength
λd
IF = 20mA
—
613
—
nm
(Note): Lamps are classified into the following ranks according to their luminous intensity.
Measurement tolerance for each limit is ±15%.
U: 3200
-6400 mcd, V: 5600-11200 mcd, W: 8500-23000 mcd.
Unit in mm
JEDEC
―
EIAJ
―
TOSHIBA
4
−6J1
Weight: 0.31 g


Similar Part No. - TLSH180P

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TLSH180P MARKTECH-TLSH180P Datasheet
284Kb / 6P
Toshiba TLxH180 Series LEDs
More results

Similar Description - TLSH180P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLRH156P TOSHIBA-TLRH156P Datasheet
144Kb / 4P
TOSHIBA LED Lamp InGaA?밣 Red Light Emission
TLRH262 TOSHIBA-TLRH262 Datasheet
122Kb / 4P
TOSHIBA LED Lamp InGaA?밣 Red Light Emission
TLSH156P TOSHIBA-TLSH156P Datasheet
145Kb / 4P
TOSHIBA LED Lamp InGaA?밣 Red Light Emission
TLRMH265P TOSHIBA-TLRMH265P Datasheet
132Kb / 4P
TOSHIBA LED Lamp InGaA?밣 Red Light Emission
TLRMK16TAP TOSHIBA-TLRMK16TAP Datasheet
212Kb / 4P
TOSHIBA LED Lamp InGaA?밣 Red Light Emission
TLRMK16TAPTRK53 TOSHIBA-TLRMK16TAPTRK53 Datasheet
527Kb / 7P
TOSHIBA LED Lamp InGaA?밣 Red Light Emission
logo
Marktech Corporate
TLRMK31T MARKTECH-TLRMK31T Datasheet
173Kb / 4P
TOSHIBA LED Lamp InGaA?밣 Red Light Emission
TLRMK31TP MARKTECH-TLRMK31TP Datasheet
158Kb / 4P
TOSHIBA LED Lamp InGaA?밣 Red Light Emission
logo
Toshiba Semiconductor
TLRMK37TP TOSHIBA-TLRMK37TP Datasheet
267Kb / 4P
TOSHIBA LED Lamp InGaA?밣 Red Light Emission
TLRMK37TPK53 TOSHIBA-TLRMK37TPK53 Datasheet
588Kb / 7P
TOSHIBA LED Lamp InGaA?밣 Red Light Emission
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com