Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5591 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV5591
Description  SEMICONDUCTOR SIGNAL PROCESSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5591 Datasheet(HTML) 1 Page - Texas Instruments

  TLV5591 Datasheet HTML 1Page - Texas Instruments TLV5591 Datasheet HTML 2Page - Texas Instruments TLV5591 Datasheet HTML 3Page - Texas Instruments TLV5591 Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TLV5591
SEMICONDUCTOR SIGNAL PROCESSOR
SLWS024– AUGUST 1995
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
D FLEXt Paging Protocol Signal Processor
D FLEX Roaming, Fragmentation, and Group
Messaging Support
D FLEX Time-of-Day Stamping Support
D 16 Address Words support any
Combination of Long (2 Word) and Short
(1 Word) Addresses
D 16 Temporary Address Words Support
Group Messaging
D 1600, 3200, and 6400 Bits per Second
Decoding
D Any Phase (1, 2, and 4) Decoding
D Serial Peripheral Interface Security Circuit
Deters Unauthorized Reconfigurations
D 2.0 Volt to 3.3 Volt Operation
D Allows Low Current STOP Mode Operation
of Host Processor
D Uses standard Serial Peripheral Interface
(SPI) in Slave Mode
D 32-bit Packets for Bidirectional
Communications over the Serial Peripheral
Interface
D Universal Receiver Control Supports many
RF Integrated Circuits
D Programmable Low Battery Monitoring
description
The TLV5591 signal processor is a FLEX
t signal processor that takes full advantage of the MotorolaR FLEX
paging protocol. This low-current device operates at synchronous data rates of 1600, 3200, and 6400 bits per
second (bps) using a 76.8 kHz oscillator. This device is readily integrated with standard off-the-shelf electronic
pager components thereby reducing start-up costs associated with pager manufacturing. An industry standard
serial peripheral interface (SPI) transports simultaneous bidirectional 32-bit data packets between the TLV5591
and the host processor.
As a FLEX protocol decoder, the internal TLV5591 receiver control component makes use of 6-stage warm-up,
2-stage locking, and 3-stage warm-down sequences. This control information is passed to the receiver using
six programmable data output lines. Warm-up control allows testing of battery condition, setting output line state,
RF receiver power-on time, and other elements of a pager. The 2-stage locking sequence handles requirements
associated with received FLEX signal baud rate changes. The warm-down control sets the program selectable
time period when signal processing is complete, and the receiver can power-off. Battery condition can be
checked, and the output line state can be changed under warm down control.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
NC
VDD
RST
LO BAT
EXTS0
EXTS1
S0
S1
S2
S3
S4
S5
VSS
NC
NC
VSS
XTAL
EXTAL
CLKOUT
SS
SCK
SDI
SDO
I/O RDY
ATTN
NC
VDD
NC
DW PACKAGE
(TOP VIEW)
Copyright
© 1995, Texas Instruments Incorporated
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.
Copyright
© 1995, Texas Instruments Incorporated
FLEX and Motorola are trademarks of Motorola, Inc.


Similar Part No. - TLV5591

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5590 TI-TLV5590 Datasheet
213Kb / 16P
2-BIT ANALOG-TO-DIGITAL CONVERTER FOR FLEX
TLV5590 TI1-TLV5590 Datasheet
224Kb / 16P
2-BIT ANALOG-TO-DIGITAL CONVERTER FOR FLEX
TLV5590ED TI-TLV5590ED Datasheet
213Kb / 16P
2-BIT ANALOG-TO-DIGITAL CONVERTER FOR FLEX
TLV5590ED TI1-TLV5590ED Datasheet
224Kb / 16P
2-BIT ANALOG-TO-DIGITAL CONVERTER FOR FLEX
TLV5590EDR TI1-TLV5590EDR Datasheet
224Kb / 16P
2-BIT ANALOG-TO-DIGITAL CONVERTER FOR FLEX
More results

Similar Description - TLV5591

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C44 TI-TMS320C44 Datasheet
629Kb / 42P
DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206 Datasheet
793Kb / 57P
DIGITAL SIGNAL PROCESSOR
TMS320VC5421 TI-TMS320VC5421 Datasheet
1Mb / 88P
DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
KA22293-Q SAMSUNG-KA22293-Q Datasheet
205Kb / 8P
AUDIO SIGNAL PROCESSOR
logo
STMicroelectronics
TDA7416 STMICROELECTRONICS-TDA7416 Datasheet
560Kb / 27P
CARRADIO SIGNAL PROCESSOR
Sep-2003
logo
Texas Instruments
TMS320C6412 TI-TMS320C6412 Datasheet
1Mb / 159P
Signal Processor
MSP50C614 TI-MSP50C614 Datasheet
122Kb / 9P
MIXED-SIGNAL PROCESSOR
logo
CML Microcircuits
FX829 CMLMICRO-FX829 Datasheet
521Kb / 34P
Baseband Signal Processor
logo
Texas Instruments
TMS320F28044 TI-TMS320F28044_10 Datasheet
906Kb / 115P
Digital Signal Processor
SMJ320C80 TI1-SMJ320C80_15 Datasheet
3Mb / 158P
DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com