Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP0202K Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TP0202K
Description  P-Channel 30-V (D-S) MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TP0202K Datasheet(HTML) 4 Page - Vishay Siliconix

  TP0202K Datasheet HTML 1Page - Vishay Siliconix TP0202K Datasheet HTML 2Page - Vishay Siliconix TP0202K Datasheet HTML 3Page - Vishay Siliconix TP0202K Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TP0202K
Vishay Siliconix
www.vishay.com
4
Document Number: 71609
S-41777—Rev. D, 04-Oct-04
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
10−3
10−2
1
10
600
10−1
10−4
100
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (sec)
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 350_C/W
3. TJM − TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
1.2
1.5
1
100
1000
0.00
0.3
0.6
0.9
TJ = 25_C
TJ = 150_C
Source-Drain Diode Forward Voltage
VSD − Source-to-Drain Voltage (V)
10
TJ = −55_C
VGS = 0 V
Threshold Voltage Variance Over Temperature
−0.3
−0.2
−0.1
−0.0
0.1
0.2
0.3
0.4
0.5
−50
−25
0
25
50
75
100
125
150
ID = 250 mA
TJ − Junction Temperature (_C)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
−50
−25
0
25
50
75
100
125
150
On-Resistance vs. Junction Temperature
TJ − Junction Temperature (_C)
VGS = 10 V @ 200 mA
VGS = 4.5 V @ 50 mA
TJ − Junction Temperature (_C)
IGSS vs. Temperature
125
150
1
100
1000
25
50
75
100
10
VGS = 10 V
VGS = 5 V
For the following graphs, p-channel negative polarities for all voltage and current values are represented as positive values.
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon Technology and
Package Reliability represent a composite of all qualified locations.
For related documents such as package/tape drawings, part marking, and reliability data, see
http://www.vishay.com/ppg?71609
.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com