Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBK-3 Datasheet(PDF) 2 Page - CUI INC

Part # PBK-3
Description  up to 3 W continuous output
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PBK-3 Datasheet(HTML) 2 Page - CUI INC

  PBK-3 Datasheet HTML 1Page - CUI INC PBK-3 Datasheet HTML 2Page - CUI INC PBK-3 Datasheet HTML 3Page - CUI INC PBK-3 Datasheet HTML 4Page - CUI INC PBK-3 Datasheet HTML 5Page - CUI INC PBK-3 Datasheet HTML 6Page - CUI INC PBK-3 Datasheet HTML 7Page - CUI INC PBK-3 Datasheet HTML 8Page - CUI INC PBK-3 Datasheet HTML 9Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
cui.com
date
03/25/2014 │ page 2 of 9
CUI Inc
│ SERIES: PBK-3 │ DESCRIPTION: AC-DC POWER SUPPLY
INPUT
parameter
conditions/description
min
typ
max
units
voltage
85
100
264
400
Vac
Vdc
frequency
47
440
Hz
current
at 115 Vac
at 230 Vac
120
60
mA
mA
inrush current
at 115 Vac
at 230 Vac
20
40
A
A
no load power consumption
0.5
W
input fuse
1 A/250 V, slow-blow type (external, required)
OUTPUT
parameter
conditions/description
min
typ
max
units
output current
10
%
capacitive load
3.3 Vdc output models
5 Vdc output models
9 Vdc output models
all other models
2300
470
150
100
μF
μF
μF
μF
line regulation
3.3 Vdc models, at full load
all other models, at full load
±0.5
±1.5
%
%
load regulation
3.3 Vdc models, at 10%~100% load
all other models, at 10%~100% load
±1.5
±2.5
%
%
voltage set accuracy
3.3 Vdc output models
9 & 12 Vdc output models
all other models
±3
±8
±5
%
%
%
hold-up time
at 115 Vac
at 230 Vac
60
300
ms
ms
switching frequency
3.3 Vdc output models
all other models
100
50
kHz
kHz
temperature coefficient
±0.15
%/°C
PROTECTIONS
parameter
conditions/description
min
typ
max
units
short circuit protection
continuous, auto restart
over current protection
auto restart
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output, for 1 minute
3,000
Vac
isolation resistance
100
MΩ
safety approvals
UL60950-1, CE
safety class
Class II
conducted emissions
CISPR22/EN55022 external circuit required, Class A (see figure 2); Class B (see figure 3)
radiated emissions
CISPR22/EN55022 external circuit required, Class A (see figure 2); Class B (see figure 3)
ESD
IEC/EN61000-4-2 Class B, contact ±4 kV
radiated immunity
IEC/EN61000-4-3 Class A, 10V/m (external circuit required, see figure 3)
EFT/burst
IEC/EN61000-4-4 Class B, ±2 kV (external circuit required, see figure 2)
IEC/EN61000-4-4 Class B, ±4 kV (external circuit required, see figure 3)
surge
IEC/EN61000-4-5 Class B, ±1 kV/±2 kV (external circuit required, see figure 3)
conducted immunity
IEC/EN61000-4-6 Class A, 3 Vr.m.s (external circuit required, see figure 3)
PFM
IEC/EN61000-4-8 Class A, 10 A/m
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com