Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCN2-S Datasheet(PDF) 9 Page - CUI INC

Part # PCN2-S
Description  DC-DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PCN2-S Datasheet(HTML) 9 Page - CUI INC

Back Button PCN2-S Datasheet HTML 2Page - CUI INC PCN2-S Datasheet HTML 3Page - CUI INC PCN2-S Datasheet HTML 4Page - CUI INC PCN2-S Datasheet HTML 5Page - CUI INC PCN2-S Datasheet HTML 6Page - CUI INC PCN2-S Datasheet HTML 7Page - CUI INC PCN2-S Datasheet HTML 8Page - CUI INC PCN2-S Datasheet HTML 9Page - CUI INC PCN2-S Datasheet HTML 10Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
cui.com
date 07/26/2016
│ page 9 of 10
CUI Inc
│ SERIES: PCN2-S │ DESCRIPTION: DC-DC CONVERTER
EMC RECOMMENDED CIRCUIT
C2
L1
+Vin
-Vin
+Vo
-Vo
R-Load
C1
+VIN
-VIN
Table 3
Figure 4 Conducted Emissions Test Circuit
EN55022 Class A
Recommended External Circuit Components
Model
C11
C21
L1
PCN2-S5-S5-S
4.7 µF / 50 V
NC
2.2 µH
PCN2-S5-S12-S
4.7 µF / 50 V
NC
2.2 µH
PCN2-S5-S15-S
10 µF / 25 V
NC
5.6 µH
PCN2-S5-D5-S
4.7 µF / 50 V
NC
2.2 µH
PCN2-S5-D12-S
4.7 µF / 50 V
NC
2.2 µH
PCN2-S5-D15-S
10 µF / 25 V
NC
5.6 µH
PCN2-S12-S5-S
10 µF / 25 V
NC
5.6 µH
PCN2-S12-S12-S
4.7 µF / 50 V
NC
5.6 µH
PCN2-S12-S15-S
4.7 µF / 50 V
NC
5.6 µH
PCN2-S12-D5-S
10 µF / 25 V
NC
5.6 µH
PCN2-S12-D12-S
4.7 µF / 50 V
NC
5.6 µH
PCN2-S12-D15-S
4.7 µF / 50 V
NC
5.6 µH
PCN2-S24-S5-S
4.7 µF / 50 V
4.7 µF / 50 V
5.6 µH
PCN2-S24-S12-S
4.7 µF / 50 V
4.7 µF / 50 V
5.6 µH
PCN2-S24-S15-S
4.7 µF / 50 V
4.7 µF / 50 V
5.6 µH
PCN2-S24-D5-S
4.7 µF / 50 V
4.7 µF / 50 V
5.6 µH
PCN2-S24-D12-S
4.7 µF / 50 V
4.7 µF / 50 V
5.6 µH
PCN2-S24-D15-S
4.7 µF / 50 V
4.7 µF / 50 V
5.6 µH
Test Condition
Input Voltage: Nominal
Output Load: Full Load
Table 4
EN55022 Class B
Recommended External Circuit Components
Model
C11
C21
L1
PCN2-S5-S5-S
10 µF / 25 V
NC
5.6 µH
PCN2-S5-S12-S
10 µF / 25 V
NC
5.6 µH
PCN2-S5-S15-S
10 µF / 25 V
10 µF / 25 V
5.6 µH
PCN2-S5-D5-S
10 µF / 25 V
NC
5.6 µH
PCN2-S5-D12-S
10 µF / 25 V
NC
5.6 µH
PCN2-S5-D15-S
10 µF / 25 V
10 µF / 25 V
5.6 µH
PCN2-S12-S5-S
10 µF / 25 V
10 µF / 25 V
5.6 µH
PCN2-S12-S12-S
10 µF / 25 V
10 µF / 25 V
5.6 µH
PCN2-S12-S15-S
10 µF / 25 V
10 µF / 25 V
5.6 µH
PCN2-S12-D5-S
10 µF / 25 V
10 µF / 25 V
5.6 µH
PCN2-S12-D12-S
10 µF / 25 V
10 µF / 25 V
5.6 µH
PCN2-S12-D15-S
10 µF / 25 V
10 µF / 25 V
5.6 µH
PCN2-S24-S5-S
10 µF / 50 V
10 µF / 50 V
5.6 µH
PCN2-S24-S12-S
10 µF / 50 V
10 µF / 50 V
5.6 µH
PCN2-S24-S15-S
10 µF / 50 V
10 µF / 50 V
5.6 µH
PCN2-S24-D5-S
10 µF / 50 V
10 µF / 50 V
5.6 µH
PCN2-S24-D12-S
10 µF / 50 V
10 µF / 50 V
5.6 µH
PCN2-S24-D15-S
10 µF / 50 V
10 µF / 50 V
5.6 µH
Notes:
1. Ceramic Capacitor
Notes:
1. Ceramic Capacitor
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com