Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA2012D2 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2012D2
Description  2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2012D2 Datasheet(HTML) 1 Page - Texas Instruments

  TPA2012D2 Datasheet HTML 1Page - Texas Instruments TPA2012D2 Datasheet HTML 2Page - Texas Instruments TPA2012D2 Datasheet HTML 3Page - Texas Instruments TPA2012D2 Datasheet HTML 4Page - Texas Instruments TPA2012D2 Datasheet HTML 5Page - Texas Instruments TPA2012D2 Datasheet HTML 6Page - Texas Instruments TPA2012D2 Datasheet HTML 7Page - Texas Instruments TPA2012D2 Datasheet HTML 8Page - Texas Instruments TPA2012D2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
RTJ
YZH
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
Shutdown
Control
TPA4411
SDR SDL
G0
G1
AVDD
TPA2012D2
TLV320AIC26
or
TLV320AIC28
INR+
INR−
HPL
or
SPK1
HPR
or
SPK2
CS
To Battery
PVDD
INL+
INL−
PGND
AGND
OUTR+
OUTR−
OUTL+
OUTL−
Gain
Control
APPLICATION CIRCUIT
TPA2012D2
SLOS438 – DECEMBER 2004
2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
•
Wireless or Cellular Handsets and PDAs
•
2.1 W/Ch Into 4
Ω at 5 V
•
Portable DVD Player
•
1.4 W/Ch Into 8
Ω at 5 V
•
Notebook PC
•
720 mW/Ch Into 8
Ω at 3.6 V
•
Portable Radio
•
Only Two External Components Required
•
Portable Gaming
•
Power Supply Range: 2.5 V to 5.5 V
•
Educational Toys
•
Independent Shutdown Control for Each
Channel
•
USB Speakers
•
Selectable Gain of 6, 12, 18, and 24 dB
•
Internal Pulldown Resistor On Shutdown Pins
•
High PSRR: 77 dB at 217 Hz
The TPA2012D2 is a stereo, filter-free Class-D audio
amplifier available in a WCSP or QFN package. The
•
Fast Startup Time (3.5 ms)
TPA2012D2 only requires two external components
•
Low Supply Current
for operation.
•
Low Shutdown Current
The TPA2012D2 features independent shutdown
•
Short-Circuit and Thermal Protection
controls for each channel. The gain can be selected
•
Space Saving Packages
to 6, 12, 18, or 24 dB utilizing the G0 and G1 gain
•
2 mm X 2 mm NanoFree™ WCSP (YZH)
select pins. High PSRR and differential architecture
(Future Product)
provide increased immunity to noise and RF rectifi-
•
4 mm X 4 mm Pb-Free Thin QFN (RTJ)
cation. In addition to these features, a fast startup
with PowerPAD™
time and small package size make the TPA2012D2
an ideal choice for both cellular handsets and PDAs.
The TPA2012D2 is capable of driving 1.4 W/Ch at
5 V or 720 mW/Ch at 3.6 V into 8
Ω. The TPA2012D2
is also capable of driving 4
Ω. The TPA2012D2
provides thermal and short circuit protection.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
NanoFree, PowerPAD are trademarks of Texas Instruments.
UNLESS OTHERWISE NOTED this document contains PRO-
Copyright © 2004, Texas Instruments Incorporated
DUCTION DATA information current as of publication date. Prod-
ucts conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily
include testing of all parameters.


Similar Part No. - TPA2012D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2012D2 TI-TPA2012D2 Datasheet
757Kb / 20P
2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2012D2 TI1-TPA2012D2 Datasheet
1Mb / 33P
2.1-W/Channel Stereo Filter-Free Class-D Audio Power Amplifier
TPA2012D2 TI-TPA2012D2 Datasheet
1Mb / 40P
TPA2015D1 2-W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking Speakerguard™ AGC
REVISED JUNE 2022
TPA2012D2 TI2-TPA2012D2 Datasheet
935Kb / 43P
TPA2026D2 3.2-W/Ch Stereo Class-D Audio Amplifier With Fast Gain Ramp SmartGain™ Automatic Gain Control and Dynamic Range Compression
REVISED MAY 2016
TPA2012D2RTJ TI-TPA2012D2RTJ Datasheet
757Kb / 20P
2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA2012D2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMPA205DS ETC-TMPA205DS Datasheet
119Kb / 6P
2.45-W/Ch STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA2012D2 TI-TPA2012D2_07 Datasheet
757Kb / 20P
2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
SA58670 PHILIPS-SA58670 Datasheet
338Kb / 18P
2.1 W/channel stereo Class D audio amplifier
Rev. 01-22 June 2007
SA58670 NXP-SA58670 Datasheet
165Kb / 25P
2.1 W/channel stereo class-D audio amplifier
Rev. 01-4 January 2008
SA58670 NXP-SA58670_08 Datasheet
167Kb / 25P
2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
SA58670A NXP-SA58670A Datasheet
169Kb / 24P
2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
logo
Texas Instruments
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
15-W Filter-Free Stereo Class-D Audio Power Amplifier
TPA2012D2 TI-TPA2012D2_15 Datasheet
1Mb / 23P
2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2012D2 TI1-TPA2012D2_17 Datasheet
1Mb / 33P
2.1-W/Channel Stereo Filter-Free Class-D Audio Power Amplifier
logo
Shenzhen Huazhimei Semi...
HM2012 HMSEMI-HM2012 Datasheet
548Kb / 7P
2.1W/ch Stereo Filter-free Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com