Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSE-3000 Datasheet(PDF) 2 Page - CUI INC

Part # PSE-3000
Description  AC-DC HOT-SWAP POWER SUPPLY
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PSE-3000 Datasheet(HTML) 2 Page - CUI INC

  PSE-3000 Datasheet HTML 1Page - CUI INC PSE-3000 Datasheet HTML 2Page - CUI INC PSE-3000 Datasheet HTML 3Page - CUI INC PSE-3000 Datasheet HTML 4Page - CUI INC PSE-3000 Datasheet HTML 5Page - CUI INC PSE-3000 Datasheet HTML 6Page - CUI INC PSE-3000 Datasheet HTML 7Page - CUI INC PSE-3000 Datasheet HTML 8Page - CUI INC PSE-3000 Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
cui.com
date 07/22/2015
│ page 2 of 19
CUI Inc
│ SERIES: PSE-3000 │ DESCRIPTION: AC-DC HOT-SWAP POWER SUPPLY
INPUT
parameter
conditions/description
min
typ
max
units
voltage
90
264
Vac
frequency
47
63
Hz
current
at 90 Vac, 1500 W
at 180 Vac, full load
20.2
18.5
Arms
Arms
inrush current
at 115 Vac, cold start
at 230 Vac, cold start
20
40
A
A
leakage current
1.5
mArms
power factor correction
at 230 Vac, full load
0.99
OUTPUT - V1 (MAIN OUTPUT)
parameter
conditions/description
min
typ
max
units
line regulation
±3
%
load regulation
±3
%
load capacitance
30,000
μF
transient response
50% step load, 1A/µs slew rate, recovery to 1%
within 1 ms
3
%
start-up time
5
s
hold-up time
at 230 Vac, full load
12
ms
remote sense
between both output terminals
0.5
V
current share accuracy (Droop)
over 25% to 100% load
±10
%
LED indicator
AC OK: “green” to indicate AC above the lower
limit that is required to sustain normal operation
DC OK: “green” to indicate module in normal
operating condition
OUTPUT - V2 (STANDBY OUTPUT)
parameter
conditions/description
min
typ
max
units
output voltage
3.3
Vdc
output current
0
2
A
ripple and noise1
33
mVp-p
line regulation
±5
%
load regulation
±5
%
load capacitance
1000
µF
transient response
50% step load, 1A/µs slew rate, recovery to 1%
within 1 ms
3
%
start-up time
5
s
Notes:
1. Measured at 20 MHz bandwidth at an oscilloscope jack on the output with 0.1 µF ceramic and 10 µF aluminum electrolyitc capacitors.
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over voltage protection
V1: latch off
V2: latch off
110
60
120
Vdc
%
over current protection
V1: constant current inception
V2: hiccup
62.5
2.6
A
A
over temperature protection
at full load, auto recovery
55
°C
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com