Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM704SDS6F Datasheet(PDF) 6 Page - STMicroelectronics

Part # STM704SDS6F
Description  3V Supervisor with Battery Switchover
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM704SDS6F Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STM704SDS6F Datasheet HTML 2Page - STMicroelectronics STM704SDS6F Datasheet HTML 3Page - STMicroelectronics STM704SDS6F Datasheet HTML 4Page - STMicroelectronics STM704SDS6F Datasheet HTML 5Page - STMicroelectronics STM704SDS6F Datasheet HTML 6Page - STMicroelectronics STM704SDS6F Datasheet HTML 7Page - STMicroelectronics STM704SDS6F Datasheet HTML 8Page - STMicroelectronics STM704SDS6F Datasheet HTML 9Page - STMicroelectronics STM704SDS6F Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
STM690/704/795/802/804/805/806
6/31
Pin Descriptions
MR. A logic low on /MR asserts the reset output.
Reset remains asserted as long as MR is low and
for trec after MR returns high. This active-low input
has an internal pull-up. It can be driven from a TTL
or CMOS logic line, or shorted to ground with a
switch. Leave open if unused.
WDI. If WDI remains high or low for 1.6sec, the in-
ternal watchdog timer runs out and reset is trig-
gered. The internal watchdog timer clears while
reset is asserted or when WDI sees a rising or fall-
ing edge.
The watchdog function cannot be disabled by al-
lowing the WDI pin to float.
RST. Pulses low for trec when triggered, and stays
low whenever VCC is below the reset threshold or
when MR is a logic low. It remains low for trec after
either VCC rises above the reset threshold, the
watchdog triggers a reset, or MR goes from low to
high.
RST (Open Drain). Pulses high for trec when trig-
gered, and stays high whenever VCC is above the
reset threshold or when MR is a logic high. It re-
mains high for trec after either VCC falls below the
reset threshold, the watchdog triggers a reset, or
MR goes from high to low.
PFI. When PFI is less than VPFI or when VCC falls
below VSW (2.4V), PFO goes low; otherwise, PFO
remains high. Connect to ground if unused.
PFO. When PFI is less than VPFI, or VCC falls be-
low VSW, PFO goes low; otherwise, PFO remains
high. Leave open if unused.
VOUT. When VCC is above the switchover voltage
(VSO), VOUT is connected to VCC through a P-
channel MOSFET switch. When VCC falls below
VSO, VBAT connects to VOUT. Connect to VCC if no
battery is used.
Vccsw. When VOUT switches to battery, Vccsw is
high. When VOUT switches back to VCC, Vccsw is
low. It can be used to drive gate of external PMOS
transistor for IOUT requirements exceeding 75mA.
E. The input to the chip-enable gating circuit. Con-
nect to ground if unused.
ECON. ECON goes low only when E is low and re-
set is not asserted. If ECON is low when reset is as-
serted, ECON will remain low for 15µs or until E
goes high, whichever occurs first. In the disabled
mode, ECON is pulled up to VOUT.
VBAT. When VCC falls below VSO, VOUT switches
from VCC to VBAT. When VCC rises above VSO +
hysteresis, VOUT reconnects to VCC. VBAT may ex-
ceed VCC. Connect to VCC if no battery is used.
Table 3. Pin Description
Pin
Name
Function
STM795
STM690
STM802
STM704
STM806
STM804
STM805
––6–
MR
Push-button Reset Input
–6–6
WDI
Watchdog Input
777–
RST
Active-Low Reset Output
–––7
RST
Active-High Reset Output
–444
PFI
PFI Power-fail Input
–555
PFO
PFO Power-fail Output
1111
VOUT
Supply Output for External LPSRAM
2222
VCC
Supply Voltage
3–––
Vccsw
VCC Switch Output
4333
VSS
Ground
5–––
E
Chip Enable Input
6–––
ECON
Conditioned Chip Enable Output
8888
VBAT
Backup-Battery Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com