Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SJ2-252X-SMT Datasheet(PDF) 2 Page - CUI INC

Part # SJ2-252X-SMT
Description  AUDIO JACK
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SJ2-252X-SMT Datasheet(HTML) 2 Page - CUI INC

  SJ2-252X-SMT Datasheet HTML 1Page - CUI INC SJ2-252X-SMT Datasheet HTML 2Page - CUI INC SJ2-252X-SMT Datasheet HTML 3Page - CUI INC SJ2-252X-SMT Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
cui.com
CUI Inc
│ SERIES: SJ2-252X-SMT │ DESCRIPTION: AUDIO JACK
date 12/02/2016
│ page 2 of 4
MECHANICAL DRAWING
MATERIAL
PLATING
terminal 1
copper alloy
silver
terminal 2
copper alloy
silver
terminal 3
copper alloy
silver
terminal 4
copper alloy
silver
terminal 10
brass
silver
terminal 11
brass
silver
plastic
PA10T
Recommended PCB Layout
Top View
11
Ø2.5 MATING PLUG
1
2
3
4
units: mm
tolerance:
X.X ±0.2 mm
X.XX ±0.10 mm
X.XXX ±0.050 mm
PCB: ±0.05 mm
Model No.
SJ2-2523D-SMT
SJ2-2524A-SMT
SJ2-2524B-SMT
SJ2-2524C-SMT
SJ2-2524D-SMT
Schematic
11
4
3
10
2
1
4
3
2
1
4
3
10
2
1
11
4
3
2
1
11
4
3
10
2
PIN
1
NP
sleeve
sleeve
sleeve
sleeve
2
tip
tip
tip
tip
tip
3
ring 1
ring 1
ring 1
ring 1
ring 1
4
ring 2
ring 2
ring 2
ring 2
ring 2
10
tip switch
NP
tip switch
NP
tip switch
11
ring 1 switch
NP
NP
ring 1 switch
ring 1 switch
For more information, please visit the product page.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com