Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS14895 Datasheet(PDF) 2 Page - Cree, Inc

Part # CS14895
Description  HighBay series
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CS14895 Datasheet(HTML) 2 Page - Cree, Inc

  CS14895 Datasheet HTML 1Page - Cree, Inc CS14895 Datasheet HTML 2Page - Cree, Inc CS14895 Datasheet HTML 3Page - Cree, Inc CS14895 Datasheet HTML 4Page - Cree, Inc CS14895 Datasheet HTML 5Page - Cree, Inc CS14895 Datasheet HTML 6Page - Cree, Inc CS14895 Datasheet HTML 7Page - Cree, Inc CS14895 Datasheet HTML 8Page - Cree, Inc CS14895 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
A
H
B
G
3
2
4
1
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures:
up to 30mm class M, otherwise class C
According to DIN ISO 2768-2
Form and position: class L
SCALE
1:1 WEIGHT
SHEET
SIZE
DRAWING TITLE
PART NUMBER
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
THIRD ANGLE PROJECTION:
This drawing is the property
of LEDiL Oy. It may not be
reproduced, copied or
communicated without a written
agreement with LEDiL Oy.
A3
1/1
clear
INDEX
PART NO
DESCRIPTION MATERIAL COLOUR
1
C14018
2X6-SEAL25
Silicone
2
C14887
HB-IP-2X6-RS
PMMA
CS14895_HB-IP-2X6_Mechanical model
CS14895
58,8 g
54.2
54.2
54.2
50.8
25.4
146.5
(
)
PCB typically 146,6mm
1.7
Wiring:
PCB is fully sealed between
the lens with silicone seal
and the heatsink. Wiring
needs to be done through the
PCB and heatsink to
maintain high IP rating.
1
2
LED position
B
A
173
Fasten middle screws first. Recommended torque
with pan head screw: 0.57Nm
(for 1.6mm thick PCB, no thermal pad)
D
D
E
E
3.2
Detail B
Scale 2:1
Detail A
Scale 2:1
6
3.4
M3 screw size
Section view D-D
Scale 2:1
1.6 (1.6mm pcb)
9.64
Section view C-C
Scale 1:1
Ribs
Silicone seal is tested to work in
LEDiL test assemblies. Customer is
recommended to test the sealing in
the end product due many variables,
such as heat sink surface and
possible chemical traces



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com