Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

03KENG3SA Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # 03KENG3SA
Description  HIGH PERFORMANCE SNAP-IN FILTERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

03KENG3SA Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  03KENG3SA Datasheet HTML 1Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MINIMUM INSERTION LOSS IN dB
COMMON MODE (L-G) IN 50 OHM SYSTEM
DIFFERENTIAL MODE (L-L) IN 50 OHM SYSTEM
FREQUENCY-MHz
PART NO.
.15
.50
1.0
5.0
10
30
03KENG3EA/03KENW3EA
15
20
25
40
40
45
08KENG3EA/08KENW3EA
10
15
20
35
40
50
10KENG3EA/10KENW3EA
7
12
18
30
30
50
03KENG3SA/03KENW3SA
15
20
25
40
40
40
06KENG3SA/06KENW3SA
7
15
20
35
40
40
10KENG3SA/10KENW3SA
4
12
18
30
30
45
03KENG3EA/03KENW3EA
5
12
15
40
50
45
08KENG3EA/08KENW3EA
5
10
15
45
40
50
10KENG3EA/10KENW3EA
4
12
18
30
30
50
03KENG3SA/03KENW3SA
10
20
35
40
45
40
06KENG3SA/06KENW3SA
10
25
40
35
40
40
10KENG3SA/10KENW3SA
10
25
35
30
30
45
SERIES
SPECIFICATIONS
1. Maximum leakage current each
line-to-ground @ 115VAC 60Hz: 0.20mA
@ 250VAC 50Hz: 0.40mA
2. Hipot rating (one minute)
line-to-ground: 2250VDC
line-to-line: 1450VDC
3. Operating frequency: 50/60Hz
4. Rated voltage: 115/250VAC
HIGH PERFORMANCE SNAP-IN
FILTERS
2-12
MECHANICAL CONSTRUCTION
G3EA
W3EA
ELECTRICAL SCHEMATIC
Cx
Lg
G
L
N
E
N
I
L
L
G'
Cy
Cy
N'
L'
D
A
O
L
R
R: 1M /-R ONLY
COMPONENTS
**
**
*
* VDE approved to 6A 250V.
UL, CSA & VDE approved to 9A 115/250 VAC.
PART NO.
L (mH) Cx (uF) Cy (pF) Lg (uH)
03KENG3EA/03KENW3EA
3.1
08KENG3EA/08KENW3EA
0.8
10KENG3EA/10KENW3EA
0.4
0.1
2200
100
03KENG3SA/03KENW3SA
3.1
06KENG3SA/06KENW3SA
0.8
10KENG3SA/10KENW3SA
0.4
1. Specially designed with ground choke providing most effective
EMI suppression for high frequency noise (ranged 5MHz-25MHz).
2. Bleeder resistor can be added with suffix "-R" on part numbers.
3. With optional Y capacitor from 100pF to 3300pF.
4. All part numbers are UL recognized, CSA certified and VDE approved.
5.Optional side snap-in mounting clip type with suffix (H) on part numbers.
for 03/06/10KENG3SA series.
INTRODUCTIONS
G3SA
G
L
N
R0.08MAX.
R2.0MAX.
0.8~1.6
0.0315~0.063
SUGGESTED MOUNTING CUTOUT
+0.012
+0.3
28.45-0
1.12-0
31.5 0.5
1.22 0.02
1.12MAX.
28.4MAX.
UNIT:
INCH
mm
G3EA
G
L
N
R0.08MAX.
R2.0MAX.
0.8~1.6
0.0315~0.063
SUGGESTED MOUNTING CUTOUT
+0.012
+0.3
28.45-0
1.12-0
31.5 0.5
1.22 0.02
1.12MAX.
28.4MAX.
OR
OR
D
V
E
D
V
E
W3EA
31.5 0.5
G
1.22 0.02
L
N
R0.08MAX.
R2.0MAX.
0.8~1.6
0.0315~0.063
SUGGESTED MOUNTING CUTOUT
+0.012
+0.3
28.45-0
1.12-0
Suggested thickness of mounting panel is from
0.0315 (0.8) to 0.063 (1.6) inch(mm) of mounting cutout
1.12MAX.
28.4MAX.
WIRE LENGTH : 4.0" MIN.


Similar Part No. - 03KENG3SA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
03KENG3DAM/03KENW3DAM DELTA-03KENG3DAM/03KENW3DAM Datasheet
72Kb / 1P
HIGH PERFORMANCE IEC INLET SNAP-IN FILTERS
03KENG3EAM/03KENW3EAM DELTA-03KENG3EAM/03KENW3EAM Datasheet
72Kb / 1P
HIGH PERFORMANCE IEC INLET SNAP-IN FILTERS
More results

Similar Description - 03KENG3SA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
03GENG3E DELTA-03GENG3E Datasheet
1Mb / 2P
SNAP-IN MOUNTING HIGH PERFORMANCE IEC CONNECTOR FILTERS
03GENG3E-R DELTA-03GENG3E-R Datasheet
1Mb / 2P
SNAP-IN MOUNTING HIGH PERFORMANCE IEC CONNECTOR FILTERS
06GENG3E DELTA-06GENG3E Datasheet
1Mb / 2P
SNAP-IN MOUNTING HIGH PERFORMANCE IEC CONNECTOR FILTERS
06GENG3E-R DELTA-06GENG3E-R Datasheet
1Mb / 2P
SNAP-IN MOUNTING HIGH PERFORMANCE IEC CONNECTOR FILTERS
08KENG3EAM-R DELTA-08KENG3EAM-R Datasheet
72Kb / 1P
HIGH PERFORMANCE IEC INLET SNAP-IN FILTERS
10GENG3E-R DELTA-10GENG3E-R Datasheet
1Mb / 2P
SNAP-IN MOUNTING HIGH PERFORMANCE IEC CONNECTOR FILTERS
10GENW3E DELTA-10GENW3E Datasheet
1Mb / 2P
SNAP-IN MOUNTING HIGH PERFORMANCE IEC CONNECTOR FILTERS
15GENG3E DELTA-15GENG3E Datasheet
1Mb / 2P
SNAP-IN MOUNTING HIGH PERFORMANCE IEC CONNECTOR FILTERS
20GENG3E-R DELTA-20GENG3E-R Datasheet
1Mb / 2P
SNAP-IN MOUNTING HIGH PERFORMANCE IEC CONNECTOR FILTERS
GEN DELTA-GEN Datasheet
1Mb / 2P
SNAP-IN MOUNTING HIGH PERFORMANCE IEC CONNECTOR FILTERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com