Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8199 Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM8199
Description  20MSPS 16-bit CCD Digitiser
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8199 Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM8199 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8199 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8199 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8199 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8199 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8199 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8199 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8199 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8199 Datasheet HTML 15Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
WM8199
Production Data
w
PD Rev 3.2 November 2003
11
Test Conditions
AVDD = DVDD1 = 5.0V, DVDD2 = 23.3V, AGND = DGND = 0V, TA = 25
°C unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
SCK period
tSPER
41.6
ns
SCK high
tSCKH
18.8
ns
SCK low
tSCKL
18.8
ns
SDI set-up time
tSSU
6
ns
SDI hold time
tSH
6
ns
SCK to SEN set-up time
tSCE
12
ns
SEN to SCK set-up time
tSEC
12
ns
SEN pulse width
tSEW
25
ns
SEN low to SDO = Register data
tSERD
30
ns
SCK low to SDO = Register data
tSCRD
30
ns
SCK low to SDO = ADC data
tSCRDZ
30
ns
Note:
1.
Parameters are measured at 50% of the rising/falling edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com