Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TYT Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # TYT
Description  HIGH PERFORMANCE 3-PHASE, 4-WIRE FILTERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

TYT Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  TYT Datasheet HTML 1Page - Delta Electronics, Inc. TYT Datasheet HTML 2Page - Delta Electronics, Inc. TYT Datasheet HTML 3Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SERIES
HIGH PERFORMANCE 3-PHASE, 4-WIRE FILTERS
7-16
1. Applications: Electric equipment, UPS, machine tool,
copy machine, automation equipment, robot, AC motor drive
2. Voltage rating: 480VAC
3. Operating frequency: 50/60Hz
INTRODUCTIONS
INCH
UNIT:
mm
M6X1.0
G MAX.
6.5X13.0(4X)
0.787 0.039(2X)
A MAX.
D MAX.
0.039
1.0
E ±
0.256X0.512(4X)
20.0 1.0(2X)
E
MECHANICAL CONSTRUCTION
MINIMUM INSERTION LOSS IN dB
FREQUENCY-MHz
PART NO.
.15
.50
1.0
5.0
10
30
16TYT8
25
50
50
50
45
30
25TYT8
25
50
50
50
45
30
36TYT8
25
50
50
50
40
25
50TYT8
25
45
45
40
40
25
100TYT8
10
20
25
30
30
20
150TYS10
10
20
25
30
30
20
16TYT8
35
55
60
60
40
30
25TYT8
35
55
60
60
40
30
36TYT8
30
50
55
50
40
30
50TYT8
30
50
50
40
40
30
100TYT8
30
40
40
35
35
25
150TYS10
30
40
40
35
35
35
COMMON MODE (L-G) IN 50 OHM SYSTEM
DIFFERENTIAL MODE (L-L) IN 50 OHM SYSTEM
COMPONENTS
PART NO.
Cx(uF) Cx1(uF)
Cy(nF)
L(mH)
R(K )
R1(K )
16TYT8
0.68
1.0
1.2
220
25TYT8
1.3
36TYT8
2.0
2.0
15.0
0.95
-
100
50TYT8
0.55
100TYT8
2.0
2.0
47.0
0.32
150TYS10
6.6
6.6
470
0.11
330
680
SERIES DIMENSIONS
PART NO.
A
B
C
D
E
F
G
16TYT8
5.591
4.213
3.228
7.539
6.516
196.9
7.559
25TYT8
142.0
107.0
82.0
191.5
165.5
50.0
192.0
36TYT8
5.689
4.882
4.094
7.638
6.614
3.858
7.638
50TYT8
144.5
124.0
104.0
194.0
168.0
98.0
194.0
100TYT8
8.346
6.378
5.197
9.921
9.134
4.724
11.496
212.0
62.0
132.0
252.0
232.0
120.0
292.0
150TYS10
DIMENSIONS IN INCHES/mm
*
Screw type
*
ELECTRICAL SCHEMATIC
L2'
L2
L4
G
L3
E
N
I
Cy
Cx
R
R1
L
L
Cy
G'
D
Cx1
L4'
A
L3'
O
L1
L
L
L1'
L
R1 : 680K
, FOR 150TYS10 ONLY


Similar Part No. - TYT

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
TYTM TEC-TYTM Datasheet
1Mb / 16P
Passive Components
August 2007
TYTP TEC-TYTP Datasheet
1Mb / 16P
Passive Components
August 2007
TYTR TEC-TYTR Datasheet
1Mb / 16P
Passive Components
August 2007
TYTS TEC-TYTS Datasheet
1Mb / 16P
Passive Components
August 2007
More results

Similar Description - TYT

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
20AYP6C MACOM-20AYP6C_11 Datasheet
185Kb / 3P
High Performance 3-phase RFI Filters for WYE Applications
63ADT6 MACOM-63ADT6_11 Datasheet
213Kb / 3P
High Performance High Current 3-phase Delta RFI Filters
logo
TE Connectivity Ltd
ADT TEC-ADT Datasheet
213Kb / 3P
High Performance High Current 3-phase Delta RFI Filters
logo
Delta Electronics, Inc.
20TDHG6 DELTA-20TDHG6 Datasheet
226Kb / 1P
LOW VOLTAGE 3-PHASE 3-WIRE FILTERS
20TYS9 DELTA-20TYS9 Datasheet
386Kb / 1P
COMPACT 3-PHASE 4-WIRE FILTERS
30TDVST2 DELTA-30TDVST2 Datasheet
556Kb / 3P
VERTICAL 3-PHASE 3-WIRE FILTERS
TDH DELTA-TDH Datasheet
226Kb / 1P
LOW VOLTAGE 3-PHASE 3-WIRE FILTERS
TDP DELTA-TDP Datasheet
684Kb / 1P
HIGH PERFORMANCE 3-PHASE 3-WIRE PLASTIC CASE FILTERS
TDT DELTA-TDT Datasheet
231Kb / 1P
HIGH PERFORMANCE 3-PHASE 3-WIRE FILTERS
TDV DELTA-TDV Datasheet
556Kb / 3P
VERTICAL 3-PHASE 3-WIRE FILTERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com