Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM9712L Datasheet(PDF) 40 Page - Wolfson Microelectronics plc

Part # WM9712L
Description  AC97 Audio and Touchpanel CODEC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9712L Datasheet(HTML) 40 Page - Wolfson Microelectronics plc

Back Button WM9712L Datasheet HTML 36Page - Wolfson Microelectronics plc WM9712L Datasheet HTML 37Page - Wolfson Microelectronics plc WM9712L Datasheet HTML 38Page - Wolfson Microelectronics plc WM9712L Datasheet HTML 39Page - Wolfson Microelectronics plc WM9712L Datasheet HTML 40Page - Wolfson Microelectronics plc WM9712L Datasheet HTML 41Page - Wolfson Microelectronics plc WM9712L Datasheet HTML 42Page - Wolfson Microelectronics plc WM9712L Datasheet HTML 43Page - Wolfson Microelectronics plc WM9712L Datasheet HTML 44Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 77 page
background image
WM9712L
Production Data
w
PD Rev 4.5 August 2006
40
When the touchpanel is not being touched, no current flows in the circuit, and the PENDOWN signal
is low. When the panel is touched with a pen or finger, current flows through RPU and the panel, and
the comparator output goes high.
The PENDOWN signal can be read from bit 15 in register 7Ah (labeled PNDN). It can also be
observed on pin 46 (GPIO3 / PENDOWN), if the pin is not used for GPIO (GE3=0). Additionally,
PENDOWN is passed to the GPIO logic block (register 54h, bit 13), where it can generate CPU
interrupts, and / or to wake up the WM9712L from sleep mode (see “GPIO and Interrupt Control”
section).
I
P
Y+ (15)
X+
(14)
Y- (17)
X- (16)
R
X+
R
Y-
pen / finger
R
Y+
R
X-
TPGND
WM9712
TPVDD
ADC
V
Y- - VX+ = IP RC
= proportional to contact resistance
Figure 9 Touch Pressure Measurement on 4-wire Touchpanel
Touch pressure can be determined indirectly by measuring the contact resistance RC between the
top and bottom plates. RC decreases as the touch pressure on the panel increases. The WM9712L
measures RC by sending a constant current IP through the touchpanel and measuring the potential
on each plate. The two values are subtracted in the digital domain to obtain the potential difference,
which is proportional to RC.
To suit different types of touchpanels, the magnitude of IP can be set to either 400
µA or 200µA using
the PIL control bit.
PRINCIPLE OF OPERATION - FIVE-WIRE TOUCHPANEL
Five-wire touchpanels are connected to the WM9712Las follows:
•
Top sheet contact = WIPER/AUX4 (pin 12)
•
Top left corner of bottom sheet = TL (pin 16)
•
Top right corner of bottom sheet = TR (pin 15)
•
Bottom left corner of bottom sheet = BL (pin 17)
•
Bottom right corner of bottom sheet = BR (pin 14)
V
M = proportional to X position
WM9712
WIPER (12)
TR (15)
ADC
V
REF+
V
REF-
VM
TPGND
TPGND
TPVDD
TPVDD
BR (14)
BL (17)
TL (16)
Figure 10 X Co-ordinate Measurement on 5-wire Touchpanel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com